Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1582CRT-REEL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD1582CRT-REEL7
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1582CRT-REEL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD1582CRT-REEL7 Datasheet HTML 6Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 7Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 8Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 9Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 10Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 11Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 12Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 13Page - Analog Devices AD1582CRT-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
–10–
REV. D
VOLTAGE OUTPUT NONLINEARITY VERSUS
TEMPERATURE
When using a voltage reference with data converters, it is impor-
tant to understand the impact that temperature drift can have on
the converter’s performance. The nonlinearity of the reference
output drift represents additional error that cannot easily be
calibrated out of the overall system. To better understand the
impact such a drift can have on a data converter, refer to Figure 5
where the measured drift characteristic is normalized to the
endpoint average drift. The residual drift error of the AD1582
of approximately 200 ppm demonstrates that this family of
references is compatible with systems that require 12-bit
accurate temperature performance.
TEMPERATURE ( C)
250
–50
–50
100
–25
0
25
5075
200
150
100
50
0
Figure 5. Residual Drift Error
OUTPUT VOLTAGE HYSTERESIS
High performance industrial equipment manufacturers may
require the AD1582/AD1583/AD1584/AD1585 family to maintain
a consistent output voltage error at 25
°C after the references are
operated over the full temperature range. While all references
exhibit a characteristic known as output voltage hysteresis, the
AD1582/AD1583/AD1584/AD1585 family is designed to minimize
this characteristic. This phenomenon can be quantified by
measuring the change in the +25
°C output voltage after
temperature excursions from +125
°C to +25°C, and from –40°C
to +25
°C. Figure 6 displays the distribution of the AD1582
output voltage hysteresis.
ppm
–700
–450
–200
50
300
550
0
10
20
30
40
50
60
70
80
Figure 6. Output Voltage Hysteresis Distribution
SUPPLY CURRENT VERSUS TEMPERATURE
The quiescent current for the AD1582/AD1583/AD1584/AD1585
family of references varies slightly over temperature and input
supply range. Figure 7 demonstrates the typical performance
for the AD1582 reference when varying both temperature and
supply voltage. As is evident from the graph, the AD1582 supply
current increases only 1.0
µA/V, making this device extremely
attractive for use in applications where there may be wide varia-
tions in supply voltage and a need to minimize power dissipation.
VIN (V)
100
80
0
34
56
78
9
10
11
60
40
20
TA = +85 C
TA = +25 C
TA = –40 C
Figure 7. Typical Supply Current over Temperature
SUPPLY VOLTAGE
One of the ideal features of the AD1582/AD1583/AD1584/AD1585
is low supply voltage headroom. The parts can operate at
supply voltages as low as 200 mV above VOUT and up to 12 V.
However, if negative voltage is inadvertently applied to VIN with
respect to ground or any negative transient, >5 V is coupled to
VIN and the device may be damaged.


Numéro de pièce similaire - AD1582CRT-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1582 AD-AD1582 Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582 AD-AD1582 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
AD1582A AD-AD1582A Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582ART-REEL7 AD-AD1582ART-REEL7 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582ARTZ-R2 AD-AD1582ARTZ-R2 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results

Description similaire - AD1582CRT-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com