Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC237D Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74HC237D
Description  3-to-8 line decoder, demultiplexer with address latches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC237D Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74HC237D Datasheet HTML 5Page - NXP Semiconductors 74HC237D Datasheet HTML 6Page - NXP Semiconductors 74HC237D Datasheet HTML 7Page - NXP Semiconductors 74HC237D Datasheet HTML 8Page - NXP Semiconductors 74HC237D Datasheet HTML 9Page - NXP Semiconductors 74HC237D Datasheet HTML 10Page - NXP Semiconductors 74HC237D Datasheet HTML 11Page - NXP Semiconductors 74HC237D Datasheet HTML 12Page - NXP Semiconductors 74HC237D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9397 750 13807
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
9 of 19
Philips Semiconductors
74HC237
3-to-8 line decoder, demultiplexer with address latches
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay An to Yn
see Figure 6
VCC = 2.0 V
-
52
160
ns
VCC = 4.5 V
-
19
32
ns
VCC = 6.0 V
-
15
27
ns
VCC = 5.0 V; CL = 15 pF
-
16
-
ns
propagation delay LE to Yn
see Figure 6
VCC = 2.0 V
-
61
190
ns
VCC = 4.5 V
-
22
38
ns
VCC = 6.0 V
-
18
32
ns
VCC = 5.0 V; CL = 15 pF
-
19
-
ns
propagation delay E1to Yn
see Figure 7
VCC = 2.0 V
-
47
145
ns
VCC = 4.5 V
-
17
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
ns
propagation delay E2 to Yn
see Figure 6
VCC = 2.0 V
-
47
145
ns
VCC = 4.5 V
-
17
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
ns
tTHL, tTLH
output transition time
see Figure 7
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
VCC = 6.0 V
-
6
13
ns
tW
LE pulse width HIGH
see Figure 8
VCC = 2.0 V
50
11
-
ns
VCC = 4.5 V
10
4
-
ns
VCC = 6.0 V
9
3
-
ns
tsu
set-up time An to LE
see Figure 8
VCC = 2.0 V
50
6
-
ns
VCC = 4.5 V
10
2
-
ns
VCC = 6.0 V
9
2
-
ns
th
hold time An to LE
see Figure 8
VCC = 2.0 V
30
3
-
ns
VCC = 4.5 V
6
1
-
ns
VCC = 6.0 V
5
1
-
ns
CPD
power dissipation capacitance
VI = GND to VCC
[1] -60
-
pF


Numéro de pièce similaire - 74HC237D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC237D PHILIPS-74HC237D Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237D NXP-74HC237D Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Toshiba Semiconductor
74HC237D TOSHIBA-74HC237D Datasheet
228Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC237D NEXPERIA-74HC237D Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
74HC237D-Q100 NEXPERIA-74HC237D-Q100 Datasheet
792Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
More results

Description similaire - 74HC237D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com