Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME385BEATZ Fiches technique(PDF) 7 Page - Analog Microelectronics

No de pièce AME385BEATZ
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385BEATZ Fiches technique(HTML) 7 Page - Analog Microelectronics

Back Button AME385BEATZ Datasheet HTML 3Page - Analog Microelectronics AME385BEATZ Datasheet HTML 4Page - Analog Microelectronics AME385BEATZ Datasheet HTML 5Page - Analog Microelectronics AME385BEATZ Datasheet HTML 6Page - Analog Microelectronics AME385BEATZ Datasheet HTML 7Page - Analog Microelectronics AME385BEATZ Datasheet HTML 8Page - Analog Microelectronics AME385BEATZ Datasheet HTML 9Page - Analog Microelectronics AME385BEATZ Datasheet HTML 10Page - Analog Microelectronics AME385BEATZ Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AME, Inc.
7
AME385-2.5
Micropower Voltage Reference Diode
Normalized Percentage Change vs. Temp.
Reference Voltage Change vs. Current
Reverse Characteristic
Forward Characteristic
Line Transient Response
VR
V
IN
25oC
200
µS/DIV
Operation Current (mA)
1
100
-2
0
2
4
0.01
Temperature (oC)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-50
0
50
100
150
I=100
µA
0.65
1.3
0.1
1
10
100
0
V
R (V)
85OC
25OC
85OC
25OC
V
F (V)
0.1
10
0
0.125
1
0.001


Numéro de pièce similaire - AME385BEATZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME385BEAT AME-AME385BEAT Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
More results

Description similaire - AME385BEATZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com