Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CD74HC123 Datasheet(Fiches technique) 2 Page - Harris Corporation

Numéro de pièce CD74HC123
Description  High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HARRIS [Harris Corporation]
Site Internet  http://www.harris.com
Logo 

   
 2 page
background image
2
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
AB
RQ
Q
CD74HC/HCT123
HXH
L
H
XL
H
L
H
L
H
HH
XX
L
L
H
LH
CD74HC/HCT423
HXH
L
H
XL
H
L
H
L
H
HH
XX
L
L
H
NOTE: H = High Voltage Level, L = Low Voltage Level,
X = Don’t Care.
2R
11
2A
9
10
5
12
2Q
2Q
2B
MONO 2
VCC
67
2Cx
2RxCx
1R
3
1A
2
1
13
4
1Q
1Q
1B
MONO 1
VCC
14
15
1Cx
1RxCx
1Cx
1Rx
2Cx
2Rx
CD74HC123, CD74HCT123, CD74HC423, CD74HCT423




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CD74HC123High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 1 2 3 4 5 MoreTexas Instruments
CD54HC123High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 1 2 3 4 5 MoreTexas Instruments
CD74HC221High Speed CMOS Logic Dual Monostable Multivibrator with Reset 1 2 3 4 5 MoreTexas Instruments
CD54HC4538High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator 1 2 3 4 5 MoreTexas Instruments
CD74HC03High Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
CD74HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC4518High Speed CMOS Logic Dual Synchronous Counters 1 2 3 4 5 MoreTexas Instruments
CD74HC273High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 1 2 3 4 5 MoreTexas Instruments
CD74HC4017High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 1 2 3 4 5 MoreTexas Instruments
CD74HC283High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl