Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CD74HC123 Datasheet(Fiches technique) 6 Page - Harris Corporation

Numéro de pièce CD74HC123
Description  High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HARRIS [Harris Corporation]
Site Internet  http://www.harris.com
Logo 

   
 6 page
background image
6
Switching Specifications CL = 50pF, Input tr, tf = 6ns, RX = 10KΩ, CX = 0
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Trigger Propagation Delay
tPHL
CL = 50pF
A, B, R to Q
2
-
-
300
-
375
-
450
ns
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
-
-
-
-
ns
CL = 50pF
6
-
-
51
-
64
-
76
ns
A, B, R to QtPHL
CL = 50pF
2
-
-
320
-
400
-
480
ns
4.5
-
-
64
-
80
-
96
ns
CL = 15pF
5
-
26
-
-
-
-
-
ns
CL = 50pF
6
-
-
54
-
68
-
82
ns
Reset Propagation Delay
tPHL, tPLH
CL = 50pF
2
-
-
215
-
270
-
325
ns
R to Q or Q
4.5
-
-
43
-
54
-
65
ns
6
-
-
37
-
46
-
55
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Output Pulse Width
-
-
5
RX = 10KΩ, CX = 10pF
-
45
-
-
-
-
-
µs
Pulse Width Match Between
Circuits In the Same Package
-
-
5
RX = 10KΩ, CX = 10pF
-
±2-
-
-
-
-
%
Power Dissipation Capacitance
CPD
CL = 15pF
5
-
-
-
-
-
-
-
pF
Input Capacitance
CIN
CL = 50pF
-
10
-
10
-
10
-
10
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per multivibrator.
6. PD = (CPD + CX) VCC
2 f
i ∑(CL VCC
2 f
O) where fi = input frequency, fO = Output Frequency, CL = Output Load Capacitance,
CX = External Capacitance VCC = Supply Voltage assuming fi « I
t
W
------
CD74HC123, CD74HCT123, CD74HC423, CD74HCT423




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CD74HC123High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 1 2 3 4 5 MoreTexas Instruments
CD54HC123High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 1 2 3 4 5 MoreTexas Instruments
CD74HC221High Speed CMOS Logic Dual Monostable Multivibrator with Reset 1 2 3 4 5 MoreTexas Instruments
CD54HC4538High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator 1 2 3 4 5 MoreTexas Instruments
CD74HC03High Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
CD74HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC4518High Speed CMOS Logic Dual Synchronous Counters 1 2 3 4 5 MoreTexas Instruments
CD74HC273High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 1 2 3 4 5 MoreTexas Instruments
CD74HC4017High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 1 2 3 4 5 MoreTexas Instruments
CD74HC283High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl