Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC8877-1.8DBT Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce AMC8877-1.8DBT
Description  LOW NOISE 300mA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AMC8877-1.8DBT Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  AMC8877-1.8DBT Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8877-1.8DBT Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMC DOC. #: AMC8877_A (LF)
AMC8877
Jun 2004
LOW NOISE 300mA
LOW DROPOUT REGULATOR
Characterization Curves (Continued))
VIN=VOUT(NOMINAL) + 0.5V or 2.5V(whichever is greater), CIN=1uF, COUT=1uF,CBP=0.01uF, TA=+25
OC, ,Using plused ON time,unless otherwise noted.
Dropout Voltage v.s. Temperature
Dropout Voltage v.s. Output Current
0
0.05
0.1
0.15
0.2
0.25
0.3
IO=150mA
25
45
65
85
105
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0
25
50
75
100
125
150
Output Current (mA)
Temperature (
OC)
Load Transient Response
with IO=150mA
Load Transient Response
with IO=50mA
COUT=1uF
VO
IO
VO
IO
COUT=1uF
Time=2ms
Time=2ms
ILOAD = 300mA VIN = 3V
No Load
Load
Copyright
© 2002, ADD Microtech Corp.
6
www.addmtek.com


Numéro de pièce similaire - AMC8877-1.8DBT

FabricantNo de pièceFiches techniqueDescription
logo
ADDtek Corp
AMC887-1.8DBT ADDTEK-AMC887-1.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.0DBT ADDTEK-AMC887-2.0DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.5DBT ADDTEK-AMC887-2.5DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.85DBT ADDTEK-AMC887-2.85DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.8DBT ADDTEK-AMC887-2.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results

Description similaire - AMC8877-1.8DBT

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
List of Unclassifed Man...
AMC7628 ETC1-AMC7628 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com