Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL1406RS Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TSL1406RS
Description  768 X 1 LINEAR SENSOR ARRAY WITH HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

TSL1406RS Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL1406RS Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1406RS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSL1406R, TSL1406RS
768 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS042 – AUGUST 2002
2
t
t
Copyright
E 2002, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AO1
6
O
Analog output, section 1.
AO2
12
O
Analog output, section 2.
CLK1
4
I
Clock, section 1. CLK1 controls charge transfer, pixel output, and reset.
CLK2
10
I
Clock, section 2. CLK2 controls charge transfer, pixel output, and reset.
GND
5
Ground (substrate). All voltages are referenced to GND.
HOLD1
3
I
Hold signal. HOLD1 shifts pixel data to parallel buffer. HOLD1 is normally connected to SI1 and HOLD2 in
serial mode, SI1 in parallel mode.
HOLD2
9
I
Hold signal. HOLD2 shifts pixel data to parallel buffer. HOLD2 is normally connected to SI2 in parallel mode.
SI1
2
I
Serial input (section 1). SI1 defines the start of the data-out sequence.
SI2
8
I
Serial input (section 2). SI2 defines the start of the data-out sequence.
SO1
7
O
Serial output (section 1). SO1 provides a signal to drive the SI2 input in serial mode.
SO2
11
O
Serial output (section 2). SO2 provides a signal to drive the SI input of another device for cascading or as an
end-of-data indication.
VDD
13
Supply voltage for both analog and digital circuitry.
VPP
1
Normally grounded.
Detailed Description
The sensor consists of 768 photodiodes, called pixels, arranged in a linear array. Light energy impinging on a
pixel generates photocurrent that is then integrated by the active integration circuitry associated with that pixel.
During the integration period, a sampling capacitor connects to the output of the integrator through an analog
switch. The amount of charge accumulated at each pixel is directly proportional to the light intensity on that pixel
and the integration time.
The output and reset of the integrators are controlled by a 384-bit shift register and reset logic. An output cycle
is initiated by clocking in a logic 1 on SI. Another signal, called HOLD, is generated from the rising edge of SI1
when SI1 and HOLD1 are connected together. This causes all 384 sampling capacitors to be disconnected from
their respective integrators and starts an integrator reset period. As the SI pulse is clocked through the shift
register, the charge stored on the sampling capacitors is sequentially connected to a charge-coupled output
amplifier that generates a voltage on analog output AO. The integrator reset period ends 18 clock cycles after
the SI pulse is clocked in. Then the next integration period begins. On the 384th clock rising edge, the SI pulse
is clocked out on the SO1 pin (section 1) and becomes the SI pulse for section 2 (when SO1 is connected to
SI2). The rising edge of the 385th clock cycle terminates the SO1 pulse, and returns the analog output AO of
section 1 to high-impedance state. Similarly, SO2 is clocked out on the 768th clock pulse. Note that a 769th clock
pulse is needed to terminate the SO2 pulse and return AO of Section 2 to the high-impedance state. Sections
1 and 2 may be operated in parallel or in serial fashion.


Numéro de pièce similaire - TSL1406RS

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL1406RS TAOS-TSL1406RS Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406RS AMSCO-TSL1406RS Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
More results

Description similaire - TSL1406RS

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
   256 X 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1410R ETC-TSL1410R Datasheet
125Kb / 10P
   1280 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1401 TI1-TSL1401 Datasheet
142Kb / 8P
[Old version datasheet]   128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
TSLW1401R ETC1-TSLW1401R Datasheet
122Kb / 10P
   EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com