Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TB32301 Datasheet(Fiches technique) 1 Page - Toshiba Semiconductor

Numéro de pièce TB32301
Description  TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 1 page
background image
TB32301AFL
TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB32301AFL
2.4-GHz Radio Communication IC
Features
Consumption current : 35 mA (typ.) (at reception)
: 26 mA (typ.) (at transmission)
Operating power supply voltage
: 2.7 V to 3.3 V (operating temperature range: -20
°C to 70°C)
Ultra-compact package: 36-pin QON
On-chip LNA
On-chip VCO
On-chip PA
Block Diagram
Weight: 0.08 g (typ.)
Marking: TB32301AFL
TENTATIVE
VCCRX2
20
22
D-DATA
19
AF1
VCC
RX2
21
AF2
GND
RX3
23
26
25
IF-IN1
GND
RX2
24
IF-IN2
27
GND
RX1
28
29
30
31
32
33
34
35
36
1
2
3
4
5
7
6
9
18
17
16
15
14
13
12
11
10
RSSI
FLLC1
VCCRX2
FLLC2
BS
TXIN
STB
CLK
DATA
MIX OUT1
MIX FIL
VCCRFRX
RF IN
GNDRF1
GNDRF2
TXOUT
VCCRFTX
VCCRF
VCC
Syn3
VCC
Syn2
LOOP
FIL1
GND
Syn2
GND
Syn3
GND
Syn1
LD
REF
CLK
VCC
Syn1
×2
VCO1
PLL1
8
TX
Filter
FM-DET
RX
LPF
Tuning
RSSI
This product is sensitive to electrostatic discharge. When handling the product, ensure that the
environment is protected against electrostatic discharge.
Dec./5th/2002
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TB31202TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TB62709NTOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TB1245NTOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TB62726AFTOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TD74BC541PTOSHIBA Bi-CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TB62713NTOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreMarktech Corporate
TC7PA05FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC7MH574FKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TMPN3120B1AMTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TMPN3120E1MTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl