Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TB32301 Datasheet(Fiches technique) 6 Page - Toshiba Semiconductor

Numéro de pièce TB32301
Description  TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
Télécharger  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 6 page
background image
TB32301AFL
Power Supply
Power Supply Name
Pin No.
Ground Relevant
Pin Name
Pin No.
Block Name
VCCSyn3
1
GND Syn3
5
VCO Doubler
VCCSyn2
2
GND Syn2
2
VCO1
VCCSyn1
9
GND Syn1
6
PLL, DATA SET
VCCRX2
16
GND RX3
23
Tuning (FLL), RX-AMP, RX-LPF, DATA COMP, FM-DET
VCCRX1
21
GND RX2
24
TX-FILTER, PA, RSSI, IF-AMP, (IF-BPF)
VCCRFRX
30
GND RF1
GND RF2
32
33
LNA
VCCRX TX
35
GND RX1
GND RF1
GND RF2
27
32
33
PA
VCCRF
36
GND RX1
GND RF1
GND RF2
27
32
33
PA, MIXER, LNA
Supplementary: Pins as shown below are shorted together.
(1) VCC RX TX (35 pin) − VCC Syn2 (2 pin)
(2) VCC RF (36 pin) − VCC RFRX (30 pin)
Dec./5th/2002
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TB31202TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TB62709NTOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TB1245NTOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TB62726AFTOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TD74BC541PTOSHIBA Bi-CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TB62713NTOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreMarktech Corporate
TC7PA05FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC7MH574FKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TMPN3120B1AMTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TMPN3120E1MTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl