Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE394 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE394
Description  Silicon NPN Transistor Power Amp, High Voltage Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE394 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE394 Datasheet HTML 1Page - NTE Electronics NTE394 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Small–Signal Current Gain
hfe
IC = 0.2A, VCE = 10V, f = 1kHz
30
IC = 0.2A, VCE = 10V, f = 1MHz
2.5
Second Breakdown Unclamped Energy
Es/b
VBE = 20V, RBE = 100Ω, l = 30mH
100
mJ
Turn–On Time
ton
IC = 1A, IB1 = 100mA, VCC = 200V
0.2
µs
Turn–Off Time
toff
IC = 1A, IB1 = –IB2 = 100mA,
VCC = 200V
0.2
µs
NOTE: Dotted line indicates that
case may have square corners
BC
E
C
.156
(3.96)
Dia.
.600
(15.24)
.550
(13.97)
.430
(10.92)
.500
(12.7)
Min
.216 (5.45)
.055 (1.4)
.015 (0.39)
.173 (4.4)
.060 (1.52)


Numéro de pièce similaire - NTE394

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE39 NTE-NTE39 Datasheet
19Kb / 2P
   Silicon PNP Transistor Line-Operated Series Pass/Switching Regulator (Compl to NTE157)
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE391 NTE-NTE391 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE393 NTE-NTE393 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
More results

Description similaire - NTE394

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE70 NTE-NTE70 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage Power Amp, Switch
NTE384 NTE-NTE384 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage Power Amp/Switch
NTE379 NTE-NTE379 Datasheet
22Kb / 3P
   Silicon NPN Transistor Power Amp, High Voltage, Switch
NTE2590 NTE-NTE2590 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Switch
NTE2593 NTE-NTE2593 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Switch
NTE2591 NTE-NTE2591 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Switch
NTE2557 NTE-NTE2557 Datasheet
19Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch, Power Amp
NTE327 NTE-NTE327 Datasheet
24Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
NTE328 NTE-NTE328 Datasheet
25Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
NTE387 NTE-NTE387 Datasheet
23Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com