Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP2225 Fiches technique(PDF) 14 Page - Monolithic Power Systems

No de pièce MP2225
Description  High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2225 Fiches technique(HTML) 14 Page - Monolithic Power Systems

Back Button MP2225 Datasheet HTML 10Page - Monolithic Power Systems MP2225 Datasheet HTML 11Page - Monolithic Power Systems MP2225 Datasheet HTML 12Page - Monolithic Power Systems MP2225 Datasheet HTML 13Page - Monolithic Power Systems MP2225 Datasheet HTML 14Page - Monolithic Power Systems MP2225 Datasheet HTML 15Page - Monolithic Power Systems MP2225 Datasheet HTML 16Page - Monolithic Power Systems MP2225 Datasheet HTML 17Page - Monolithic Power Systems MP2225 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP2225 –18V/5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2225 Rev. 1.01
www.MonolithicPower.com
14
4/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor. First, choose a value
for R1, R2 is then given by:
OUT
R1
R2
V
1
0.6V
=
(1)
The feedback network—as shown in Figure 5—
is highly recommended.
Figure 5: Feedback Network
Table 1 lists the recommended resistors and
capacitors value for common output voltages.
Table 1: Component Selection for Common
Output Voltages
(9)
VOUT (V) R1 (kΩ)
R2 (kΩ)
1.0
120
180
1.2
120
120
1.35
100
80.6
1.5
80.6
53.6
1.8
80.6
40.2
2.5
80.6
25.5
3.3
40.2
8.87
5
40.2
5.49
9) The recommended parameters are based on 500kHz
switching frequency, different output inductors and capacitors
affect the recommended values of R1 and R2. For the other
components’
parameters,
please
refer
to
TYPICAL
APPLICATION CIRCUITS on 17-19.
Selecting the Inductor
Use a 1µH-to-10µH inductor with a DC current
rating at least 25% percent higher than the
maximum load current for most applications.
For highest efficiency, use an inductor with a
DC resistance less than 15mΩ. For most
designs, the inductance value can be derived
from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×
=
×Δ ×
(2)
Where ΔIL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
(3)
Use a larger inductor for improved efficiency
under light-load conditions—below 100mA.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore requires a capacitor to
supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Use ceramic capacitors with X5R
or X7R dielectrics for best results because of
their
low
ESR
and
small
temperature
coefficients. For most applications, use a 22µF
capacitor.
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated by:
×
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(4)
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
(5)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high quality ceramic
capacitor (e.g. 0.1μF) placed as close to the IC


Numéro de pièce similaire - MP2225

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP2225DJ MPS-MP2225DJ Datasheet
191Kb / 5P
   High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
More results

Description similaire - MP2225

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
   High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MP92265 MPS-MP92265 Datasheet
1Mb / 16P
   18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
   High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
   500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
   500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
EV2225-J-00A MPS-EV2225-J-00A Datasheet
191Kb / 5P
   High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com