Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8892 Fiches technique(PDF) 12 Page - Active-Semi, Inc

No de pièce ACT8892
Description  Advanced Power Management Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Fiches technique(HTML) 12 Page - Active-Semi, Inc

Back Button ACT8892_17 Datasheet HTML 8Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 9Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 10Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 11Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 12Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 13Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 14Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 15Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
REGISTER AND BIT DESCRIPTIONS CONT’D
OUTPUT ADDRESS
BIT
NAME
ACCESS
DESCRIPTION
REG4
0x51
[6]
DIS
R/W
Output Discharge Control. When activated, discharges LDO
output to GA through 1.5kΩ when in shutdown. Set bit to 1 to
enable output voltage discharge in shutdown, clear bit to 0 to
disable this function.
REG4
0x51
[5]
LOWIQ
R/W
LDO Low-IQ Mode Control. Set bit to 1 for low-power
operating mode, clear bit to 0 for normal mode.
REG4
0x51
[4:2]
DELAY
R/W
Regulator Turn-On Delay Control. See the REG4, REG5,
REG6, REG7 Turn-on Delay section for more information.
REG4
0x51
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable to fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG4
0x51
[0]
OK
R/W
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG5
0x54
[7:6]
-
R
Reserved.
REG5
0x54
[5:0]
VSET
R/W
Output Voltage Selection. See the Output Voltage
Programming section for more information.
REG5
0x55
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator,
clear bit to 0 to disable the regulator.
REG5
0x55
[6]
DIS
R/W
Output Discharge Control. When activated, discharges LDO
output to GA through 1.5kΩ when in shutdown. Set bit to 1 to
enable output voltage discharge in shutdown, clear bit to 0 to
disable this function.
REG5
0x55
[5]
LOWIQ
R/W
LDO Low-IQ Mode Control. Set bit to 1 for low-power
operating mode, clear bit to 0 for normal mode.
REG5
0x55
[4:2]
DELAY
R/W
Regulator Turn-On Delay Control. See the REG4, REG5,
REG6, REG7 Turn-on Delay section for more information.
REG5
0x55
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable to fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG5
0x55
[0]
OK
R/W
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG6
0x60
[7:6]
-
R
Reserved.
REG6
0x60
[5:0]
VSET
R/W
Output Voltage Selection. See the Output Voltage
Programming section for more information.
REG6
0x61
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator,
clear bit to 0 to disable the regulator.
REG6
0x61
[6]
DIS
R/W
Output Discharge Control. When activated, discharges LDO
output to GA through 1.5kΩ when in shutdown. Set bit to 1 to
enable output voltage discharge in shutdown, clear bit to 0 to
disable this function.
REG6
0x61
[5]
LOWIQ
R/W
LDO Low-IQ Mode Control. Set bit to 1 for low-power
operating mode, clear bit to 0 for normal mode.
REG6
0x61
[4:2]
DELAY
R/W
Regulator Turn-On Delay Control. See the REG4, REG5,
REG6, REG7 Turn-on Delay section for more information.
REG6
0x61
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable to fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG6
0x61
[0]
OK
R/W
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG7
0x64
[7:6]
-
R
Reserved.
REG7
0x64
[5:0]
VSET
R/W
Output Voltage Selection. See the Output Voltage
Programming section for more information.
REG7
0x65
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator,
clear bit to 0 to disable the regulator.


Numéro de pièce similaire - ACT8892_17

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892 Datasheet
88Kb / 2P
   Advanced Power Management Unit
05-Dec-12
More results

Description similaire - ACT8892_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com