Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT4921QI Fiches technique(PDF) 22 Page - Active-Semi, Inc

No de pièce ACT4921QI
Description  Power Loss Protection with 6A eFuse
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4921QI Fiches technique(HTML) 22 Page - Active-Semi, Inc

Back Button ACT4921QI Datasheet HTML 18Page - Active-Semi, Inc ACT4921QI Datasheet HTML 19Page - Active-Semi, Inc ACT4921QI Datasheet HTML 20Page - Active-Semi, Inc ACT4921QI Datasheet HTML 21Page - Active-Semi, Inc ACT4921QI Datasheet HTML 22Page - Active-Semi, Inc ACT4921QI Datasheet HTML 23Page - Active-Semi, Inc ACT4921QI Datasheet HTML 24Page - Active-Semi, Inc ACT4921QI Datasheet HTML 25Page - Active-Semi, Inc ACT4921QI Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ACT4921QI
Rev 1.0, 18-Jan-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
22
AGND
The AGND pin is the IC’s analog ground pin. It is a
“quiet” ground pin that is separate and isolated from
the high power, high current carrying PGND ground
plane. Connect the non-power components to AGND.
AGND must be kelvin connected to the PGND pin in a
single location.
COMP
COMP is the output of a transconductance amplifier that
is used to compensate the internal buck converter. The
compensation components, which are typically a
standard type-2 compensation should be grounded to
the AGND pin. See the Application section for more
information on compensating the internal buck
converter.
PLI
PLI (Power Loss Indicator) goes high after softstart and
stays high in normal operation. PLI immediately goes
low when the IC enters supplement mode. This setting
is used to let the system uP know that power loss is
imminent.
The PLI pin is an open-drain output and is 5V compliant.
FB
The FB pin is used to regulate the buck converter output
voltage when the IC is in supplement mode.
HSB
HSB provides power to the internal high-side MOSFET
gate driver circuitry. Connect a 47nF capacitor from
HSB pin to SW pin.
SW
SW is the switch node for the internal buck and boost
converters. Connect the inductor to the SW pin.
VOUT
VOUT is the output of the eFuse and connects to the
system load. The eFuse connects VOUT to VIN in
normal operation, and it disconnects it in supplement
mode.
VB
VB is the output pin from the blocking FET. Depending
on the operating mode, power either flows into or out
of VB. In normal operation, power flows from VIN,
through the eFuse and blocking FETs and out of VB to
provide input power to the boost converter. ENB must
be pulled high to enable this functionality.
During supplement mode, the buck converter output
power flows into VB, through the blocking FET, and out
of VOUT to the system.
DISCHG
DISCHG is the discharge pin for the storage
capacitors. When the IC enters the UV/POR state,
DISCHG is internally connected to PGND through an
internal FET. Connect a resistor between DISCHG and
STR to quickly discharge the storage capacitance. The
user can manually turn on the DISCHG FET by setting
the DISCHG_STR bit to 1.
The discharge function is typically only used during
product development and evaluation. It allows the user
to quickly discharge large storage capacitor values
between testing to ensure the next power cycle starts
with discharged capacitors. If the function is not used
in production, the discharge resistor can be removed
from the board and the DISCHG pin can be connected
to PGND or left open. The discharge resistor should be
chosen to keep the discharge current less than
100mA.
PG_STR
PG_STR is a power good indicator for the storage
capacitors. It goes high when the storage capacitor
voltage goes into regulation. It goes low when the
voltage drops below 95% of the setpoint. It also goes
low when either the buck or boost converter is
disabled. It is open drain and is 5V compliant.
PG_VO
PG_VO is a power good indicator for VOUT. It goes
high when the eFuse is fully turned on. In supplement
mode, it starts high and then goes low when the FB pin
drops below 95% of VFB_REF (0.8V). It is open drain and
is 5V compliant.
General Description
eFuse
The ACT4921 eFuse is an “electronic” fuse that
disconnects the input from the output. It has
considerable advantages over mechanical fuses
because it has adjustable current thresholds and it
resets after the fault condition is gone. The eFuse
consists of two back-to-back MOSFETS to provide bi-
directional protection. This provides protection against
both input and output short circuit conditions by
preventing current flow in both directions. Hot swap
functionality is provided by the eFuse softstart function
and current limiting circuitry. This prevents large inrush


Numéro de pièce similaire - ACT4921QI

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Description similaire - ACT4921QI

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com