Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV47711 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce NCV47711
Description  Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47711 Fiches technique(HTML) 4 Page - ON Semiconductor

  NCV47711_17 Datasheet HTML 1Page - ON Semiconductor NCV47711_17 Datasheet HTML 2Page - ON Semiconductor NCV47711_17 Datasheet HTML 3Page - ON Semiconductor NCV47711_17 Datasheet HTML 4Page - ON Semiconductor NCV47711_17 Datasheet HTML 5Page - ON Semiconductor NCV47711_17 Datasheet HTML 6Page - ON Semiconductor NCV47711_17 Datasheet HTML 7Page - ON Semiconductor NCV47711_17 Datasheet HTML 8Page - ON Semiconductor NCV47711_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV47711
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS Vin = 13.5 V, VEN = 3.3 V, RCSO = 0 W, CCSO = 1 mF, Cin = 1 mF, Cout = 22 mF, ESR = 1.5 W, Min
and Max values are valid for temperature range −40
°C ≤ TJ ≤ 150°C unless otherwise noted and are guaranteed by test design or
statistical correlation. Typical values are referenced to TJ = 25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
REGULATOR OUTPUT
Output Voltage (Accuracy %)
Vin = (Vout_nom + 1 V) to 40 V, Iout = 5 mA to 350 mA
Vout
−3
3
%
Line Regulation
Vin = (Vout_nom + 1 V) to (Vout_nom + 20V), Iout = 5mA
Regline
0.1
1.0
%
Load Regulation
Iout = 5 mA to 350 mA
Regload
0.14
1.4
%
Dropout Voltage (Note 7)
Iout = 150 mA, VDO = Vin − Vout
VDO
250
500
mV
DISABLE AND QUIESCENT CURRENTS
Disable Current
VEN = 0 V
VEN = 0 V, TJ = 25°C
IDIS
85
10
mA
nA
Quiescent Current, Iq = Iin − Iout
Iout = 1 mA, Vin = (Vout_nom + 8.5 V)
Iq
150
230
mA
Quiescent Current, Iq = Iin − Iout
Iout = 350 mA, Vin = (Vout_nom + 8.5 V)
Iq
23
50
mA
CURRENT LIMIT PROTECTION
Current Limit
Vout = 0.9 x Vout_nom, Vin = (Vout_nom + 8.5 V)
ILIM
400
mA
PSRR & NOISE
Power Supply Ripple Rejection
f = 100 Hz, 0.5 Vp−p, Iout = 5 mA, Cin = none
PSRR
70
dB
Output Noise Voltage
f = 10 Hz to 100 kHz, Cb = 10 nF, Iout = 5 mA
Vn
100
mVrms
ENABLE
Enable Input Threshold Voltage
Logic Low (OFF)
Logic High (ON)
Vout v 0.1 V
Vout w 0.9 x Vout_nom
Vth(EN)
0.99
1.85
1.9
2.31
V
Enable Input Current
VEN = 3.3 V
IEN
2.0
9.0
20
mA
Turn On Time from Enable ON to
90% of Vout_nom
Iout = 100 mA, Cb = 10 nF, R1 = 82 kW,
R2 = 27 kW
ton
1.6
ms
OUTPUT CURRENT SENSE
CSO Voltage Level at Current
Limit
Vout = 0.9 x Vout_nom, (Vout_nom = 5 V)
RCSO = 1 kW
VCSO_Ilim
2.346
(−8 %)
2.55
2.754
(+8 %)
V
CSO Transient Voltage Level
CCSO = 4.7 mF, RCSO = 1 kW, Iout pulse from 10 mA
to 350 mA, tr = 1 ms
VCSO
3.0
V
CSO Current to Output Current
Ratio (Note 8)
VCSO = 2 V, Iout = 10 mA to 350 mA,
(Vout_nom = 5V)
ICSO/Iout
(−10%)
(1/100)
(+10%)
CSO Current at No Load Current
VCSO = 0 V, Iout = 0 mA, (Vout_nom = 5 V)
ICSO_off
10
mA
REVERSE CURRENT
Reverse Current (Note 9)
Vin = 12 V, Vout = 14 V
Iout_rev
−40
−25
mA
THERMAL SHUTDOWN
Thermal Shutdown Temperature
Iout = 5 mA
TSD
150
195
°C
7. Measured when the output voltage Vout has dropped −2% from the nominal value obtained at Vin = Vout_nom + 8.5 V.
8. Not guaranteed in dropout.
9. Values based on design and/or characterization.


Numéro de pièce similaire - NCV47711_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47711PDAJR2G ONSEMI-NCV47711PDAJR2G Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
More results

Description similaire - NCV47711_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710 Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47711 ONSEMI-NCV47711 Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47551 ONSEMI-NCV47551 Datasheet
168Kb / 12P
   3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic
December, 2013 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com