Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV47700 Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce NCV47700
Description  5 V to 20 V Adjustable Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47700 Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button NCV47700_17 Datasheet HTML 4Page - ON Semiconductor NCV47700_17 Datasheet HTML 5Page - ON Semiconductor NCV47700_17 Datasheet HTML 6Page - ON Semiconductor NCV47700_17 Datasheet HTML 7Page - ON Semiconductor NCV47700_17 Datasheet HTML 8Page - ON Semiconductor NCV47700_17 Datasheet HTML 9Page - ON Semiconductor NCV47700_17 Datasheet HTML 10Page - ON Semiconductor NCV47700_17 Datasheet HTML 11Page - ON Semiconductor NCV47700_17 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCV47700
www.onsemi.com
11
PACKAGE DIMENSIONS
SOIC−8 EP
CASE 751AC
ISSUE C
NOTES:
1. DIMENSIONS AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS
3. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.004mm IN
EXCESS OF MAXIMUM MATERIAL CONDITION.
4. DIMENSION D DOES NOT INCLUDE MOLD FLASH, PROTRU-
SIONS, OR GATE BURRS. MOLD FLASH, PROTRUSIONS, OR
GATE BURRS SHALL NOT EXCEED 0.006mm PER SIDE.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL
NOT EXCEED 0.010mm PER SIDE.
5. DATUMS A AND B TO BE DETERMINED AT DATUM PLANE H.
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
−−−
0.10
A2
1.35
1.65
b
0.31
0.51
c
0.17
0.25
D
4.90 BSC
E
6.00 BSC
e
1.27 BSC
L
0.40
1.27
L1
1.04 REF
F
2.24
3.20
G
1.55
2.51
h
0.25
0.50
q
0
8
E1
3.90 BSC
_
_
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
7.00
1.27
1.52
8X
DIMENSIONS: MILLIMETERS
0.76
3.20
PITCH
2.51
8X
1
RECOMMENDED
C
0.10
D
E1
A
D
NOTE 5
14
5
8
D
E
B
TOP VIEW
8X
b
A-B
0.25
D
C
C
0.20
NOTE 4
C
0.10
D
NOTE 4
NOTE 5
D
NOTES 3
SEATING
PLANE
C
0.10
SIDE VIEW
C
A
A2
A1
e
BOTTOM VIEW
G
F
5
8
14
SEATING
PLANE
DETAIL A
L
(L1)
q
45 CHAMFER
5
H
C
h
END VIEW
c
DETAIL A
NOTE 7
SECTION A−A
b1
(b)
c
c1
A
A
PIN ONE
LOCATION
C
0.10
c1
0.17
0.23
b1
0.28
0.48


Numéro de pièce similaire - NCV47700_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47700DAJR2G ONSEMI-NCV47700DAJR2G Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47700PDAJR2G ONSEMI-NCV47700PDAJR2G Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results

Description similaire - NCV47700_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47701 ONSEMI-NCV47701_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
NCV47701 ONSEMI-NCV47701 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
logo
Analog Devices
ADP3367 AD-ADP3367 Datasheet
148Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667 AD-ADP667 Datasheet
135Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ARZ AD-ADP667ARZ Datasheet
132Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367ARZ AD-ADP3367ARZ Datasheet
85Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP3367 AD-ADP3367_15 Datasheet
353Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. A
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com