Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP2143H Fiches technique(PDF) 15 Page - Monolithic Power Systems

No de pièce MP2143H
Description  3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143H Fiches technique(HTML) 15 Page - Monolithic Power Systems

Back Button MP2143H Datasheet HTML 7Page - Monolithic Power Systems MP2143H Datasheet HTML 8Page - Monolithic Power Systems MP2143H Datasheet HTML 9Page - Monolithic Power Systems MP2143H Datasheet HTML 10Page - Monolithic Power Systems MP2143H Datasheet HTML 11Page - Monolithic Power Systems MP2143H Datasheet HTML 12Page - Monolithic Power Systems MP2143H Datasheet HTML 13Page - Monolithic Power Systems MP2143H Datasheet HTML 14Page - Monolithic Power Systems MP2143H Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
MP2143H – 3A, 5.5V, 2.0MHz, SYNCHRONOUS STEP-DOWN SWITCHER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2143H Rev. 1.02
www.MonolithicPower.com
15
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-10 (2mmx3mm)


Numéro de pièce similaire - MP2143H

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP2143HGD MPS-MP2143HGD Datasheet
483Kb / 7P
   3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
More results

Description similaire - MP2143H

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
   3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
   5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
   4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
   6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com