Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCMF9070S Fiches technique(PDF) 1 Page - Allied Components International

No de pièce PCMF9070S
Description  SMD High Current Common Mode Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLIED [Allied Components International]
Site Internet  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCMF9070S Fiches technique(HTML) 1 Page - Allied Components International

  PCMF9070S Datasheet HTML 1Page - Allied Components International PCMF9070S Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD High Current Common Mode Filter
15
DCR
( Ω)
Allied
Part
Number
Inductance
µ
h)
Tolerance
(%)
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
Max
ISAT
(A)
Features
• SMD Common Mode Filter
• Low profile
• High Current
• Ideal for pick and place
Electrical
Operating Temp: -40ºC to +105ºC
Min Impedance Range: 225Ω - 750Ω
Resistance to Soldering Heat
Test Equipment
Physical
Pre-Heat: 150º-180°C, 90±30 Sec
Solder Temp: 245ºC ± 5ºC for 30sec ± 10sec.
Solder Composition: Sn/Ag3.0/Cu0.5
Impedance: HP4291B, Impedance Analyzer
DCR: CH16502
Packaging: 700pcs per reel
Marking: EIA Inductance Code
DCR
(mΩ) MAX
N1=N2
Allied
Part
Number
Impedance (N1=N2)
(Ω)@100MHz
Test
Freq.
MHz
PCMF9070S-301
PCMF9070S-501
PCMF9070S-701
PCMF9070S-102
225
450
500
750
REVISED 05/26/2017
Irms Current: HP42841A+HP4284A
949-356-1780
Leakage: CH19073
PCMF9070S
IDC
(A) MAX
Typ.
300
600
700
1000
100
100
100
100
6.0
8.0
10.0
13.0
6.0
5.5
5.0
4.0
Min.
• For USB 2.0 IEEE, 394, LVDS Applications
IDC: Current at which the Temperature
rise reaches 40°C
Recommended Land pattern
Reflow Solder Profile
Insulation
Resistance
(MΩ) Min
Rated Volt.
(V) MAX
125
125
125
125
10
10
10
10
Dimensions: (mm)
Schematic
A
B
C
D
E
F
G
9.00±0.50 7.00±0.50 4.80(Max) 5.7(Ref.) 1.50±0.20 2.0±0.20 1.70±0.20
H(mm)
3.00 Ref. 1.75 Ref. 1.50 Ref.
5.00 Ref.
I(mm)
J(mm)
K(mm)


Numéro de pièce similaire - PCMF9070S

FabricantNo de pièceFiches techniqueDescription
logo
Allied Components Inter...
PCMF1211S ALLIED-PCMF1211S Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
PCMF1211S-102 ALLIED-PCMF1211S-102 Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
PCMF1211S-222 ALLIED-PCMF1211S-222 Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
PCMF1211S-272 ALLIED-PCMF1211S-272 Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
PCMF1211S-701 ALLIED-PCMF1211S-701 Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
More results

Description similaire - PCMF9070S

FabricantNo de pièceFiches techniqueDescription
logo
Allied Components Inter...
PCMF7060S ALLIED-PCMF7060S Datasheet
1Mb / 2P
   SMD High Current Common Mode Filter
PCMF1211S ALLIED-PCMF1211S Datasheet
2Mb / 3P
   SMD High Current Common Mode Filter
CMF0906-472 ALLIED-CMF0906-472 Datasheet
1Mb / 1P
   SMD Common Mode Filter
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
SCM30S ALLIED-SCM30S Datasheet
1Mb / 1P
   SMD Wirewound Common Mode Filter
logo
XFMRS Inc.
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
   COMMON MODE SMD LINE FILTER
logo
List of Unclassifed Man...
CMF ETC2-CMF Datasheet
232Kb / 4P
   SMD Multilayer Common Mode Filter
logo
Vishay Siliconix
ICM-2824 VISHAY-ICM-2824 Datasheet
78Kb / 2P
   High Current Common Mode Choke
Revision: 05-Dec-11
logo
Wurth Elektronik GmbH &...
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com