Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2520SGC03 Fiches technique(PDF) 4 Page - Kingbright Corporation

No de pièce AM2520SGC03
Description  SUBMINIATURE SOLID STATE LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520SGC03 Fiches technique(HTML) 4 Page - Kingbright Corporation

  AM2520SGC03 Datasheet HTML 1Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 2Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 3Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 4Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: CDA0448
REV NO: V.1
DATE: OCT/27/2001
PAGE: 4 OF 5
APPROVED:J.LU
CHECKED:
DRAWN:M.F.CAI
Super Bright Green AM2520SGD03,AM2520SGC03
Yellow AM2520YD03,AM2520YC03


Numéro de pièce similaire - AM2520SGC03

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
AM2520SGC03 KINGBRIGHT-AM2520SGC03 Datasheet
281Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AM2520SGC03 TO-GRACE-AM2520SGC03 Datasheet
827Kb / 4P
   Subminiature Solid State Lamp
More results

Description similaire - AM2520SGC03

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
AM2520SRD03 KINGBRIGHT-AM2520SRD03 Datasheet
80Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520SRC09 KINGBRIGHT-AM2520SRC09 Datasheet
76Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520EH KINGBRIGHT-AM2520EH Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
logo
QT Optoelectronics
QTLP913-2 QT-QTLP913-2 Datasheet
144Kb / 3P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
QTLP913 FAIRCHILD-QTLP913 Datasheet
203Kb / 4P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com