Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPQ4430 Fiches technique(PDF) 3 Page - Monolithic Power Systems

No de pièce MPQ4430
Description  36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4430 Fiches technique(HTML) 3 Page - Monolithic Power Systems

  MPQ4430 Datasheet HTML 1Page - Monolithic Power Systems MPQ4430 Datasheet HTML 2Page - Monolithic Power Systems MPQ4430 Datasheet HTML 3Page - Monolithic Power Systems MPQ4430 Datasheet HTML 4Page - Monolithic Power Systems MPQ4430 Datasheet HTML 5Page - Monolithic Power Systems MPQ4430 Datasheet HTML 6Page - Monolithic Power Systems MPQ4430 Datasheet HTML 7Page - Monolithic Power Systems MPQ4430 Datasheet HTML 8Page - Monolithic Power Systems MPQ4430 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MPQ4430
– 36V, 3.5A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ4430 Rev. 1.0
www.MonolithicPower.com
3
3/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
1
2
3
PHASE
VIN
SW
4
PGND
13
14
15
16
AGND
SS
FB
FREQ
5
6
7
8
EN
SYNC
PG
BIAS
9
10
11
12
PGND
SW
BST
VCC
QFN-16 (3mmx4mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN)...................... -0.3V to 40V
Switch voltage (VSW) ............ -0.3V to VIN +0.3V
BST voltage (VBST) ............................VSW + 6.5V
EN voltage (VEN) ............................ -0.3V to 40V
BIAS voltage (VBIAS) ....................... -0.3V to 20V
All other pins.................................... -0.3V to 6V
Continuous power dissipation (TA = +25°C)
(2)
QFN-16 (3mmx4mm) .................................2.6W
Operating junction temperature................ 150°C
Lead temperature .................................... 260°C
Storage temperature.................. -65°C to 150°C
Recommended Operating Conditions
Supply voltage (VIN)....................... 3.3V to 36V
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
QFN-16 (3mmx4mm) ............ 48....... 11 ... °C/W
NOTES:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
produces an excessive die temperature, causing the regulator
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
3) Measured on JESD51-7, 4-layer PCB.


Numéro de pièce similaire - MPQ4430

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431GL MPS-MPQ4431GL Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431GL-AEC1 MPS-MPQ4431GL-AEC1 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431GLE-AEC1 MPS-MPQ4431GLE-AEC1 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
   36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
More results

Description similaire - MPQ4430

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
   36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
   3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
   3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
   36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
   High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
   36V, 0.6A Step-Down Converter AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
   36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
logo
Monolithic Power System...
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
   High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com