Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16654 Fiches technique(PDF) 11 Page - Exar Corporation

No de pièce ST16654
Description  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16654 Fiches technique(HTML) 11 Page - Exar Corporation

Back Button ST16654 Datasheet HTML 7Page - Exar Corporation ST16654 Datasheet HTML 8Page - Exar Corporation ST16654 Datasheet HTML 9Page - Exar Corporation ST16654 Datasheet HTML 10Page - Exar Corporation ST16654 Datasheet HTML 11Page - Exar Corporation ST16654 Datasheet HTML 12Page - Exar Corporation ST16654 Datasheet HTML 13Page - Exar Corporation ST16654 Datasheet HTML 14Page - Exar Corporation ST16654 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ST16C654/654D
5-75
Rev. 4.10
Symbol
Pin
Signal
Pin Description
68
100
64
type
Enhanced Feature Register (EFR) bit-7, for hardware flow
control operation.
-DSR A-B
10,26
7,23
1,17
-DSR C-D
44,60
58,74
32,48
I
Data Set Ready (active low) - These inputs are associated
with individual UART channels, A through D. A logic 0 on
this pin indicates the modem or data set is powered-on and
is ready for data exchange with the UART. This pin has no
effect on the UART’s transmit or receive operation.
-DTR A-B
12,24
9,21
3,15
-DTR C-D
46,58
60,72
34,46
O
Data Terminal Ready (active low) - These inputs are
associated with individual UART channels, A through D. A
logic 0 on this pin indicates that the 654 is powered-on and
ready. This pin can be controlled via the modem control
register. Writing a logic 1 to MCR bit-0 will set the -DTR
output to logic 0, enabling the modem. This pin will be a logic
1 after writing a logic 0 to MCR bit-0, or after a reset. This
pin has no effect on the UART’s transmit or receive opera-
tion.
-RI A-B
8,28
98,33
63,19
-RI C-D
42,62
48,84
30,50
I
Ring Indicator (active low) - These inputs are associated
with individual UART channels, A through D. A logic 0 on
this pin indicates the modem has received a ringing signal
from the telephone line. A logic 1 transition on this input pin
will generate an interrupt.
-RTS A-B
14,22
11,19
5,13
-RTS C-D
48,56
62,70
36,44
O
Request to Send (active low) - These outputs are associated
with individual UART channels, A through D. A logic 0 on the
-RTS pin indicates the transmitter has data ready and
waiting to send. Writing a logic 1 in the modem control
register (MCR bit-1) will set this pin to a logic 0 indicating
data is available. After a reset this pin will be set to a logic
1. This pin only affects the transmit and receive operations
when Auto RTS function is enabled via the Enhanced
Feature Register (EFR) bit-6, for hardware flow control
operation.
SYMBOL DESCRIPTION


Numéro de pièce similaire - ST16654

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
   Smartcard MCU With 512 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
   Smartcard MCU With 1088 Bytes EEPROM
More results

Description similaire - ST16654

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com