Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8121AD Fiches technique(PDF) 9 Page - Nippon Precision Circuits Inc

No de pièce SM8121AD
Description  White LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8121AD Fiches technique(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8121AD Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SM8121A
NIPPON PRECISION CIRCUITS INC.—9
LED OPEN-CIRCUIT PROTECTION
When there is no load (LED open-circuit), the FB pin is pulled-down and then switching occurs at maximum
duty. Consequently, the output voltage continues to be boosted and the SW pin voltage may exceed the maxi-
mum rating of 27V. A zener diode can be added so that it acts as the output load when the LED is open-circuit,
preventing the SW voltage from rising. The zener diode must be selected so that the zener does not breakdown
during normal operation. The zener voltage VZD range is given by the following relationship, where N is the
number of LEDs connected in series, VF MAX is the maximum LED forward-bias voltage drop, VOUT MAX is
the SW pin maximum output voltage, VFB is the FB pin voltage, and VSBD is the Schottky-barrier diode for-
ward-bias voltage drop.
(VF MAX × N) ≤ VZD ≤ (VOUT MAX − VFB − VSBD)
When the load is applied using a connector (SM8121A and LEDs on separate boards), the zener diode should
be mounted on the same board as the SM8121A device so that the SW boost prevention function can operate
when the load is disconnected.
Zener Diode (ZD) Only Connection
When the load is removed (LEDs open circuit), the output voltage is determined by the zener voltage, and the
output current is determined by the output current-setting resistance. Consequently, the output current when the
load is removed is not limited, and thus the input current cannot be controlled.
Zener Diode (ZD) and Current-Limiting Resistance Connection
When the load is removed (LEDs open circuit), the output voltage is determined by the zener voltage, and the
output current is determined by the sum of the output current-setting resistance and the current-limiting resis-
tance. Consequently, the output current is limited when the load is removed, and the input current can be con-
trolled.
VSS
FB
L
10
µH
CIN
4.7
µF
VIN
3.6V
SM8121
SBD
COUT
1.0
µF
LED Open
VOUT=VZD
+0.5=15.5V
IZD=0.5/33=15.15mA
33
ZD
(15V)
SW
VDD
CE
IIN=(VOUT IZD)/VIN=65mA
SW
VSS
FB
L
10
µH
CIN
4.7
µF
VIN
3.6V
SM8121
SBD
COUT
1.0
µF
LED Open
VOUT=VZD
+0.5=15.5V
IZD=0.5/1033=0.48mA
33
ZD
(15V)
1k
VDD
CE
IIN=(VOUT IZD)/VIN=2mA


Numéro de pièce similaire - SM8121AD

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
SM8120A NPC-SM8120A Datasheet
201Kb / 14P
   White LED Driver IC
SM8120AH NPC-SM8120AH Datasheet
201Kb / 14P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8122AD NPC-SM8122AD Datasheet
162Kb / 13P
   White LED Driver IC
More results

Description similaire - SM8121AD

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com