Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T1451N Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce T1451N
Description  Full blocking 50/60Hz over a wide range temperature range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T1451N Fiches technique(HTML) 1 Page - Infineon Technologies AG

  T1451N Datasheet HTML 1Page - Infineon Technologies AG T1451N Datasheet HTML 2Page - Infineon Technologies AG T1451N Datasheet HTML 3Page - Infineon Technologies AG T1451N Datasheet HTML 4Page - Infineon Technologies AG T1451N Datasheet HTML 5Page - Infineon Technologies AG T1451N Datasheet HTML 6Page - Infineon Technologies AG T1451N Datasheet HTML 7Page - Infineon Technologies AG T1451N Datasheet HTML 8Page - Infineon Technologies AG T1451N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T1451N
Date of Publication: 2011-05-02
Revision: 8.0
Seite/page: 1/11
enndaten
Key Parameters
VDRM / VRRM
4800V … 5200V
ITAVM
1660A (TC=85°C)
3570A (TC=55°C)
ITSM
44000A
vT0
0,92V
rT
0,
39mΩ
RthJC
9,0K/kW
Clamping Force
36 … 52kN
Max. Diameter
121mm
Contact Diameter
86mm
Height
35mm
For type designation please refer to actual shortform
catalog
http://www.ifbip.com/catalog
Merkmale
Features
Volle Sperrfähigkeit 50/60Hz über einen weiten
Temperaturbereich
Full blocking 50/60Hz over a wide range temperature
range
Hohe DC Sperrstabilität
High DC blocking stability
Hohe Stoßstrombelastbarkeit
High surge current capability
Hoher Gehäusebruchstrom
High case non-rupture current
Hohe Einschalt di/dt Fähigkeit
High di/dt capability
Typische Anwendungen
Typical Applications
Mittelspannungssanftanlasser
Medium Voltage Softstarter
Statische Kompensation SVC
Static Var Compensation SVC
Gleichrichter für Antriebsapplikationen
Rectifier for Drives Applications
Mittelspannungsumrichter
Medium Voltage Drives
Lastgeführte Umrichter
Load Commutating Inverter
content of customer DMX code
DMX code
DMX code
digit
digit quantity
serial number
1..7
7
SP material number
8..16
9
datecode (production day)
17..18
2
datecode (production year)
19..20
2
datecode (production month)
21..22
2
vT class
23..26
4
QR class
27..30
4
www.ifbip.com
support@infineon-bip.com
1
2
4 5


Numéro de pièce similaire - T1451N

FabricantNo de pièceFiches techniqueDescription
logo
eupec GmbH
T1451N EUPEC-T1451N Datasheet
255Kb / 9P
   Netz-Thristor Phase Control Thyristor
More results

Description similaire - T1451N

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
T1060N INFINEON-T1060N Datasheet
612Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2013-11-22 Revision: 2.2
T2251N INFINEON-T2251N Datasheet
254Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T3441N INFINEON-T3441N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T1601N INFINEON-T1601N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 7.0
T1800N INFINEON-T1800N Datasheet
419Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2012-11-15 Revision: 3.1
T2851N INFINEON-T2851N Datasheet
352Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2017-03-17 Revision: 9.2
T1901N INFINEON-T1901N Datasheet
256Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 9.0
T3801N INFINEON-T3801N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T501N INFINEON-T501N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 11.0
T1401N INFINEON-T1401N Datasheet
252Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com