Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OV6630 Fiches technique(PDF) 19 Page - List of Unclassifed Manufacturers

No de pièce OV6630
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OV6630 Fiches technique(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button OV6630 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV6630 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
19
3
I
2C Bus
Many
of
the
functions
and
configuration
registers
in
the
OV6630/OV6130 image sensors are available through the I
2C
interface. The I
2C port is enabled by asserting the I2CB line (pin 12)
through a 10K
Ω resistor to V
DD. When the I
2C capability is enabled
(I2CB = 1), the OV6630/OV6130 imager operates as a slave device
that supports up to 400 KBps serial transfer rate using a 7-bit
address/data transfer protocol.
– SLAVE TRANSMIT
– MASTER TRANSMIT
– MASTER INITIATE
MASTER TRANSMIT, SLAVE RECEIVE (WRITE CYCLE)
MASTER TRANSMIT, SLAVE RECEIVE (DUMMY WRITE CYCLE)
S
SLAVE ID (7BITS)
RW
A
SUB-ADDRESS (8BITS)
A
P
START
MSB
LSB=0
ACK STOP
1ST BYTE
2ND BYTE
S
SLAVE ID (7BITS)
RW
A
SUB-ADDRESS (8BITS)
A
DATA (8BITS)
A
P
START
MSB
LSB=0
ACK
ACK STOP
1ST BYTE
2ND BYTE
3RD BYTE
MASTER RECEIVE, SLAVE TRANSMIT (READ CYCLE)
S
SLAVE ID (7BITS)
RW
A
DATA (8BITS)
A
DATA (8BITS)
1
P
START
MSB
LSB=1
ACK
NO ACK IN
LAST BYTE
STOP
1ST BYTE
2ND BYTE
3RD BYTE
SLAVE ID - 110CCC0X
S - START CONDITION
A - ACKNOWLEDGE BIT
P - STOP CONDITION
CS2 (PIN 35)
CS1 (PIN 37)
CS0 (PIN 34)
X - RW BIT, 1:READ, 0:WRITE
Figure 8. I
2C Bus Protocol Format
3.1
I2C Bus Protocol Format
In I
2C operation, the master must perform the following operations:
-
Generate the start/stop condition
-
Provide the serial clock on SCL
-
Place the 7-bit slave address, the RW bit, and the 8-bit sub-
address on SDA
The receiver must pull down SDA during the acknowledge period.
During the write cycle, OV6630/OV6130 returns acknowledge and,


Numéro de pièce similaire - OV6630

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
logo
OmniVision Technologies...
OV6680 OMNIVISION-OV6680 Datasheet
142Kb / 2P
   optimal low-light sensitivity and pixel performance for video conferencing cameras in 3G mobile phones
More results

Description similaire - OV6630

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
   OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
   PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
OV7910 ETC-OV7910 Datasheet
247Kb / 18P
   SINGLE-CHIP CMOS COLOR PAL CAMERA
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
   CMOS COLOR DIGITAL VIDEO CAMERA
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
ICM532B ETC1-ICM532B Datasheet
302Kb / 15P
   CIF Color CMOS Sensor with USB Output
logo
Pixart Imaging Inc.
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
STMicroelectronics
VS6451 STMICROELECTRONICS-VS6451_07 Datasheet
1Mb / 4P
   Ultra small CIF reflowable camera module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com