Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


OV6620 Datasheet(Fiches technique) 9 Page - List of Unclassifed Manufacturers

Numéro de pièce OV6620
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 9 page
background image
14 May 1999
Version 1.11
9
OV6620/OV6120
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
Table 3. 4:2:2 16-bit Format
Data Bus
Pixel Byte Sequence
Y7
Y7
Y7
Y7
Y7
Y7
Y7
Y6
Y6
Y6
Y6
Y6
Y6
Y6
Y5
Y5
Y5
Y5
Y5
Y5
Y5
Y4
Y4
Y4
Y4
Y4
Y4
Y4
Y3
Y3
Y3
Y3
Y3
Y3
Y3
Y2
Y2
Y2
Y2
Y2
Y2
Y2
Y1
Y1
Y1
Y1
Y1
Y1
Y1
Y0
Y0
Y0
Y0
Y0
Y0
Y0
UV7
U7
V7
U7
V7
U7
V7
UV6
U6
V6
U6
V6
U6
V6
UV5
U5
V5
U5
V5
U5
V5
UV4
U4
V4
U4
V4
U4
V4
UV3
U3
V3
U3
V3
U3
V3
UV2
U2
V2
U2
V2
U2
V2
UV1
U1
V1
U1
V1
U1
V1
UV0
U0
V0
U0
V0
U0
V0
Y FRAME
0
1
2
3
4
5
UV FRAME
0
2
4
Table 4. 4:2:2 8-bit Format
Data Bus
Pixel Byte Sequence
Y7
U7
Y7
V7
Y7
U7
Y7
V7
Y7
Y6
U6
Y6
V6
Y6
U6
Y6
V6
Y6
Y5
U5
Y5
V5
Y5
U5
Y5
V5
Y5
Y4
U4
Y4
V4
Y4
U4
Y4
V4
Y4
Y3
U3
Y3
V3
Y3
U3
Y3
V3
Y3
Y2
U2
Y2
V2
Y2
U2
Y2
V2
Y2
Y1
U1
Y1
V1
Y1
U1
Y1
V1
Y1
Y0
U0
Y0
V0
Y0
U0
Y0
V0
Y0
Y FRAME
0
1
2
3
UV FRAME
0 1
2 3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
OV6630SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV7620OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV7910SINGLE-CHIP CMOS COLOR PAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CH5001ACMOS COLOR DIGITAL VIDEO CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LQ064V1DS11Color TFT-LCD Module LCD TV/Digital still camera 1 Sharp Electrionic Components
LQ4FN31Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
CH5101ACMOS Monochrome Digital Video Camera 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STV0674Tri-mode CMOS digital camera co-processor 1 2 3 4 5 MoreSTMicroelectronics
ACX312Miniature High-Precision 4.6 cm 1.8-type 118K-Dot Digital Still Camera Color LCD Features a Viewing Area Ratio of 100% 1 2 List of Unclassifed Manufacturers
LQ6AN102Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl