Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


OV6620 Datasheet(Fiches technique) 8 Page - List of Unclassifed Manufacturers

Numéro de pièce OV6620
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 8 page
background image
OV6620/OV6120
8
Version 1.11
14 May 1999
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
Notes:
(“Y” indicates mode/combination is supported by OV6620/OV6120.)
1. When in RGB CCIR656 format, output is 8 bits. SAV and EAV are inserted at the beginning and ending of
HREF, which synchronize the acquisition of Vsync and Hsync. In this format, an 8-bit data bus configuration
(without VSYNC and CHSYNC) may be used.
2. Y/UV swap is valid only in 8-bit mode. Y channel output sequence is Y U Y V...
3. In YUV format, U/V swap means UV channel output sequence swap. V U V U... for 16 bit; V Y U Y ... for 8-bit.
4. In RGB format, U/V swap means neighbor row B R output sequence swap. Refer to
RGB raw data output format for further details
Table 2. Digital Output Formats
Resolution
Pixel Clock
352 x 288
704 x 288
176 x 144
YUV
4:2:2
16-bit
Y
Y
Y
8-bit
Y
Y
Y
CCIR656
Y
Y
Y
Nibble
Y
Y
Y
RGB
16-bit
Y
Y
Y
8-bit
Y
Y
Y
CCIR6561
Y
Y
Y
Nibble
Y
Y
Y
Y/UV
swap2
16-bit
8-bit
Y
Y
Y
U/V
swap
YUV3
Y
Y
Y
RGB4
Y
Y
Y
YG
16-bit
Y
Y
Y
8-bit
One
Line
16-bit
Y
8-bit
MSB/LSB swap5
Y
Y
Y




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
OV6630SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV7620OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV7910SINGLE-CHIP CMOS COLOR PAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CH5001ACMOS COLOR DIGITAL VIDEO CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LQ064V1DS11Color TFT-LCD Module LCD TV/Digital still camera 1 Sharp Electrionic Components
LQ4FN31Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
CH5101ACMOS Monochrome Digital Video Camera 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STV0674Tri-mode CMOS digital camera co-processor 1 2 3 4 5 MoreSTMicroelectronics
ACX312Miniature High-Precision 4.6 cm 1.8-type 118K-Dot Digital Still Camera Color LCD Features a Viewing Area Ratio of 100% 1 2 List of Unclassifed Manufacturers
LQ6AN102Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl