Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


OV6620 Datasheet(Fiches technique) 18 Page - List of Unclassifed Manufacturers

Numéro de pièce OV6620
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 18 page
background image
OV6620/OV6120
18
Version 1.11
14 May 1999
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
2. Electrical Characteristics
Table 10. DC Characteristics (0oC < TA < 85oC, Voltages referenced to GND)
Symbol
Descriptions
Max
Typ
Min
Units
Supply
VDD1
Supply voltage- internal analog
(DEVDD,ADVDD,AVDD,SVDD,AOVDD,DVDD)
5.25
5.0
4.75
V
VDD2
Supply voltage - internal digital &output digital
(DOVDD)
5.5
3.6
5.0
3.3
4.5
3.0
V
V
IDD1
Supply Current (@ 50Hz frame rate & 5 volt digi-
tal I/O,25pf + 1TTL load on 16 bit data bus)
40
-
-
mA
IDD2
Standby supply current
10
5
-
uA
Digital Inputs
VIL
input voltage LOW
0.8
-
-
V
VIH
input voltage HIGH
-
-
2.0
V
Cin
input capacitor
10
-
-
pF
Digital Outputs - standard load 25pf, 1.2k
Ω to 3.0volts
VOH
output voltage HIGH
-
-
2.4
V
VOL
output voltage LOW
0.6
-
-
V
I2C Inputs - 5k pull up + 100pf
VIL
SDA and SCL (VDD2=5V)
1.5
0
-0.5
V
VIH
SDA and SCL(VDD2=5V)
Vdd + .5
5
3.0
V
VIL
SDA and SCL (VDD2=3V)
1
0
-0.5
V
VIH
SDA and SCL(VDD2=3V)
3.5
3
2.5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
OV6630SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV7620OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV7910SINGLE-CHIP CMOS COLOR PAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CH5001ACMOS COLOR DIGITAL VIDEO CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LQ064V1DS11Color TFT-LCD Module LCD TV/Digital still camera 1 Sharp Electrionic Components
LQ4FN31Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
CH5101ACMOS Monochrome Digital Video Camera 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STV0674Tri-mode CMOS digital camera co-processor 1 2 3 4 5 MoreSTMicroelectronics
ACX312Miniature High-Precision 4.6 cm 1.8-type 118K-Dot Digital Still Camera Color LCD Features a Viewing Area Ratio of 100% 1 2 List of Unclassifed Manufacturers
LQ6AN102Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl