Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADS5272 Datasheet(Fiches technique) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numéro de pièce ADS5272
Description  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo 

 
 5 page
background image
ADS5272
SBAS324 − JUNE 2004
www.ti.com
5
SWITCHING CHARACTERISTICS
TMIN = −40°C, TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V,
LVDD = 3.3V, −1dBFS, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
ADS5272
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING SPECIFICATIONS
tSAMPLE
25
50
ns
tD(A) Aperture Delay
2.5
ns
Aperture Jitter (uncertainty)
1
ps
tD(pipeline) Latency
6.5
cycles
tPROP
Propagation Delay
5
ns
SERIAL INTERFACE TIMING
Data is shifted in MSB first.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
Serial CLK Period
50
ns
t2
Serial CLK High Time
25
ns
t3
Serial CLK Low Time
25
ns
t4
Minimum Data Setup Time
5
ns
t5
Minimum Data Hold Time
5
ns
Start Sequence
t
1
MSB
D6D5
D4
D3D2
D1
D0
t
2
t
3
t
4
t
5
ADCLK
CS
SCLK
SDATA
Outputs change on
next rising clock edge
after CS goes high.
Data latched on
each rising edge of SCLK.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADS52708-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52718-Channel 12-Bit 50MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52424-Channel 12-Bit 65MSPS Analog-to-Digital Converter with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
MAX1127Quad 12-Bit 65Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
ADS52404-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52758-Channel 10-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52778-Channel 10-Bit 65MSPS Analog-to-Digital Converter with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52738-Channel 12-Bit 70MSPS ADC with Serialized LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
MAX1126Quad 12-Bit 40Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MCP32042.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl