Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C0805C473K4RACTU Fiches technique(PDF) 1 Page - Kemet Corporation

No de pièce C0805C473K4RACTU
Description  SMD Comm X7R, Ceramic, 0.047 uF, 10%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C473K4RACTU Fiches technique(HTML) 1 Page - Kemet Corporation

  C0805C473K4RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/21/2017 - 14b44663-e5bf-4878-9b18-1f24349b5fba
KEMET Part Number: C0805C473K4RACTU
(C0805C473K4RAC7800)
SMD Comm X7R, Ceramic, 0.047 uF, 10%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.8mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Comm X7R
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Chip Size: 0805
Specifications
Capacitance: 0.047 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC
Dielectric Withstanding
Voltage: 40 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 3.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 21.277 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Numéro de pièce similaire - C0805C473K4RACTU

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
C0805C473K1RAC KEMET-C0805C473K1RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0805C473K1RACAUTO KEMET-C0805C473K1RACAUTO Datasheet
61Kb / 1P
   SMD Auto X7R, Ceramic, 0.047 uF, 10%, 100 V, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
C0805C473K1RACTU KEMET-C0805C473K1RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C473K1RECTU KEMET-C0805C473K1RECTU Datasheet
63Kb / 1P
   ESD SMD Comm X7R, Ceramic, Electro Static Discharge, 0.047 uF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class II, 0805
C0805C473K2RACAUTO KEMET-C0805C473K2RACAUTO Datasheet
66Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.047 uF, 10%, 200 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Description similaire - C0805C473K4RACTU

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
C0805C473K3RACTU KEMET-C0805C473K3RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.047 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C473J4RACTU KEMET-C0805C473J4RACTU Datasheet
62Kb / 1P
   SMD Comm X7R, Ceramic, 0.047 uF, 5%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C333K4RACTU KEMET-C0805C333K4RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.033 uF, 10%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C274K4RACTU KEMET-C0805C274K4RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.27 uF, 10%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C184K4RACTU KEMET-C0805C184K4RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.18 uF, 10%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C154K4RACTU KEMET-C0805C154K4RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.15 uF, 10%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C106K8RAC7210 KEMET-C0805C106K8RAC7210 Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 10 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C684K8RACTU KEMET-C0805C684K8RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.68 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C103K8RACTU KEMET-C0805C103K8RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.01 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C474K8RACTU KEMET-C0805C474K8RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 0.47 uF, 10%, 10 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com