Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8610 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8610
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8610 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8610 Datasheet HTML 2Page - Analog Devices AD8610 Datasheet HTML 3Page - Analog Devices AD8610 Datasheet HTML 4Page - Analog Devices AD8610 Datasheet HTML 5Page - Analog Devices AD8610 Datasheet HTML 6Page - Analog Devices AD8610 Datasheet HTML 7Page - Analog Devices AD8610 Datasheet HTML 8Page - Analog Devices AD8610 Datasheet HTML 9Page - Analog Devices AD8610 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. D
–6–
AD8610/AD8620
RESISTANCE LOAD –
100M
10M
1M
100k
10k
1k
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VS =
13V
TPC 10. Output Voltage to
Supply Rail vs. Load
12.05
11.80
12.00
11.95
11.90
11.85
VS =
13V
RL = 1k
TEMPERATURE – C
40
25
85
125
TPC 13. Output Voltage High
vs. Temperature at
±13 V
FREQUENCY – Hz
10k
100k
1M
1k
10M
100M
40
20
0
20
60
40
G = 100
G = 10
G = 1
VS =
13V
RL = 2k
CL = 20pF
TPC 16. Closed-Loop Gain vs.
Frequency
TEMPERATURE – C
4.25
4.20
3.95
4.15
4.10
4.05
4.00
40
25
85
125
VS =
5V
RL = 1k
TPC 11. Output Voltage High vs.
Temperature at
±5 V
TEMPERATURE – C
11.80
12.05
11.85
11.90
11.95
12.00
40
25
85
125
VS =
13V
RL = 1k
TPC 14. Output Voltage Low vs.
Temperature at
±13 V
TEMPERATURE – C
260
100
40
25
85
125
220
180
140
VS =
13V
VO =
10V
RL = 1k
240
200
160
120
TPC 17. AVO vs. Temperature at
±13 V
TEMPERATURE – C
3.95
4.05
4.30
4.10
4.15
4.20
4.25
4.00
VS =
5V
RL = 1k
40
25
85
125
TPC 12. Output Voltage Low vs.
Temperature at
±5 V
40
20
0
60
80
100
120
20
40
60
80
FREQUENCY – MHz
200
100
10
1
VS =
13V
RL = 1k
MARKER AT 27MHz
M = 69.5
CL = 20pF
90
45
0
135
180
225
270
45
90
135
180
TPC 15. Open-Loop Gain
and Phase vs. Frequency
TEMPERATURE – C
190
100
180
160
140
120
170
150
130
110
40
25
85
125
VS =
5V
VO =
3V
RL = 1k
TPC 18. AVO vs. Temperature at
±5 V


Numéro de pièce similaire - AD8610

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8610 AD-AD8610 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD8610 AD-AD8610 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610 AD-AD8610 Datasheet
1Mb / 30P
   Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
AD8610 AD-AD8610 Datasheet
371Kb / 24P
   Precision, Very Low Noise
Rev. F
More results

Description similaire - AD8610

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com