Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POLT16-12T Fiches technique(PDF) 4 Page - Wall Industries,Inc.

No de pièce POLT16-12T
Description  16A Output Current Rating DC/DC Open Frame Power Supply Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POLT16-12T Fiches technique(HTML) 4 Page - Wall Industries,Inc.

  POLT16-12T_18 Datasheet HTML 1Page - Wall Industries,Inc. POLT16-12T_18 Datasheet HTML 2Page - Wall Industries,Inc. POLT16-12T_18 Datasheet HTML 3Page - Wall Industries,Inc. POLT16-12T_18 Datasheet HTML 4Page - Wall Industries,Inc. POLT16-12T_18 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev C
POLT16-12T SERIES
16A Output Current Rating
DC/DC Open Frame Power Supply
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
POLS16-12T
PIN CONNECTION
PIN
DEFINE
1
Ctrl
2
+Sense
3
Trim
4
+Vout
5
GND
6
+Vin
POLT16-12T
PIN CONNECTION
PIN
DEFINE
1
+Vout
2
+Vout
3
+Sense
4
+Vout
5
GND
6
GND
7
+Vin
8
+Vin
10
Trim
11
Ctrl
POLT16-12TA
PIN CONNECTION
PIN
DEFINE
1
+Vout
2
+Vout
3
+Sense
4
+Vout
5
GND
6
GND
7
+Vin
8
+Vin
10
Trim
11
Ctrl


Numéro de pièce similaire - POLT16-12T_18

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
POLT16-12T-P WALL-POLT16-12T-P Datasheet
350Kb / 5P
   POLT16-12T SERIES
POLT16-12TA WALL-POLT16-12TA Datasheet
350Kb / 5P
   POLT16-12T SERIES
POLT16-12TA-P WALL-POLT16-12TA-P Datasheet
350Kb / 5P
   POLT16-12T SERIES
More results

Description similaire - POLT16-12T_18

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
POL16-05T WALL-POL16-05T Datasheet
359Kb / 5P
   16A Output Current Rating DC/DC Open Frame Power Converter Single Output
POL10-05T WALL-POL10-05T_18 Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POL10-12T WALL-POL10-12T_18 Datasheet
337Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POL06-05T WALL-POL06-05T_18 Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POL06-12T WALL-POL06-12T_18 Datasheet
426Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Wall Industries,Inc.
PSAQF150O WALL-PSAQF150O Datasheet
178Kb / 3P
   Open Frame 150 Watt Single Output AC/DC Switching Power Supply
PSM WALL-PSM Datasheet
137Kb / 2P
   Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
FSP TECHNOLOGY INC.
FSP060-1S35-36 FSP-FSP060-1S35-36 Datasheet
132Kb / 1P
   60W Open frame type power supply with 36V DC output
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com