Moteur de recherche de fiches techniques de composants électroniques |
|
XA-G30 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
XA-G30 Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 36 page Philips Semiconductors Product data XA-G30 XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs 1 2002 Mar 25 853-2323 27915 FAMILY DESCRIPTION The Philips Semiconductors XA (eXtended Architecture) family of 16-bit single-chip microcontrollers is powerful enough to easily handle the requirements of high performance embedded applications, yet inexpensive enough to compete in the market for high-volume, low-cost applications. The XA family provides an upward compatibility path for 80C51 users who need higher performance and 64k or more of program memory. Existing 80C51 code can also easily be translated to run on XA microcontrollers. The performance of the XA architecture supports the comprehensive bit-oriented operations of the 80C51 while incorporating support for multi-tasking operating systems and high-level languages such as C. The speed of the XA architecture, at 10 to 100 times that of the 80C51, gives designers an easy path to truly high performance embedded control. The XA architecture supports: • Upward compatibility with the 80C51 architecture • 16-bit fully static CPU with a 24-bit program and data address range • Eight 16-bit CPU registers each capable of performing all arithmetic and logic operations as well as acting as memory pointers. Operations may also be performed directly to memory. • Both 8-bit and 16-bit CPU registers, each capable of performing all arithmetic and logic operations. • An enhanced instruction set that includes bit intensive logic operations and fast signed or unsigned 16 × 16 multiply and 32 / 16 divide • Instruction set tailored for high level language support • Multi-tasking and real-time executives that include up to 32 vectored interrupts, 16 software traps, segmented data memory, and banked registers to support context switching • Low power operation, which is intrinsic to the XA architecture, includes power-down and idle modes. More detailed information on the core is available in the XA User Guide. SPECIFIC FEATURES OF THE XA-G30 • 20-bit address range, 1 megabyte each program and data space. (Note that the XA architecture supports up to 24 bit addresses.) • 2.7 V to 5.5 V operation • 512 bytes of on-chip data RAM • Three counter/timers with enhanced features (equivalent to 80C51 T0, T1, and T2) • Watchdog timer • Two enhanced UARTs • Four 8-bit I/O ports with 4 programmable output configurations • 44-pin PLCC and 44-pin LQFP packages ORDERING INFORMATION Package Type number Name Description Temperature Range ( °C) Version PXAG30KBBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 × 10 × 1.4 mm 0 to +70 SOT389-1 PXAG30KBA PLCC44 plastic leaded chip carrier; 44 leads 0 to +70 SOT187-2 PXAG30KFBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 × 10 × 1.4 mm –40 to +85 SOT389-1 PXAG30KFA PLCC44 plastic leaded chip carrier; 44 leads –40 to +85 SOT187-2 |
Numéro de pièce similaire - XA-G30 |
|
Description similaire - XA-G30 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |