Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8698ARM-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8698ARM-REEL
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8698ARM-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8698ARM-REEL Datasheet HTML 6Page - Analog Devices AD8698ARM-REEL Datasheet HTML 7Page - Analog Devices AD8698ARM-REEL Datasheet HTML 8Page - Analog Devices AD8698ARM-REEL Datasheet HTML 9Page - Analog Devices AD8698ARM-REEL Datasheet HTML 10Page - Analog Devices AD8698ARM-REEL Datasheet HTML 11Page - Analog Devices AD8698ARM-REEL Datasheet HTML 12Page - Analog Devices AD8698ARM-REEL Datasheet HTML 13Page - Analog Devices AD8698ARM-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8698
Rev. 0 | Page 10 of 20
1.5
2.0
2.5
3.0
3.5
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±15V
Figure 26. Supply Current vs. Temperature
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±15V
Figure 27. Channel Separation
0
10
20
30
40
50
60
70
–100 –80 –60 –40 –20
0
40
80
20
60
100
VOS (µV)
VS = ±2.5V
Figure 28. Offset Voltage Distribution
–40
–20
0
20
40
60
80
100
–90
–45
0
45
90
135
180
225
FREQUENCY (Hz)
10k
1M
100k
10M
VS = ±2.5V
Figure 29. Open-Loop Gain and Phase vs. Frequency
0
15
30
45
60
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±2.5V
AV = 100
AV = 1
AV = 10
Figure 30. Output Impedance vs. Frequency
VS = ±2.5V
VIN = 2V p-p
CL = 1nF
0
TIME (100
µs/DIV)
Figure 31. Large Signal Transient Response


Numéro de pièce similaire - AD8698ARM-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8698 AD-AD8698_15 Datasheet
323Kb / 20P
   Dual Precision, Rail-to-Rail Output
REV. 0
More results

Description similaire - AD8698ARM-REEL

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com