Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G175 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVC1G175
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G175 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVC1G175 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
9397 750 13762
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2004
3 of 17
Philips Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Logic diagram.
001aaa466
CP
D
MR
C
C
C
C
C
C
C
C
Q
C
C
Fig 4.
Pin configuration SC-88 and SC-74.
Fig 5.
Pin configuration XSON6.
175
5
6MR
2
GND
1
CP
3
D
VCC
4Q
001aaa467
175
GND
001aab657
CP
D
VCC
MR
Q
Transparent top view
2
3
1
5
4
6
Table 3:
Pin description
Symbol
Pin
Description
CP
1
clock input (LOW-to-HIGH, edge-triggered)
GND
2
ground (0 V)
D
3
data input
Q
4
flip-flop output
VCC
5
supply voltage
MR
6
master reset input (active LOW)


Numéro de pièce similaire - 74LVC1G175

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G175 NXP-74LVC1G175 Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
Texas Instruments
74LVC1G175DBVRE4 TI1-74LVC1G175DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
74LVC1G175DBVRG4 TI1-74LVC1G175DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
More results

Description similaire - 74LVC1G175

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
74LVC1G175 NXP-74LVC1G175 Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com