Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC2709T Fiches technique(PDF) 3 Page - NEC

No de pièce UPC2709T
Description  2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC2709T Fiches technique(HTML) 3 Page - NEC

  UPC2709T Datasheet HTML 1Page - NEC UPC2709T Datasheet HTML 2Page - NEC UPC2709T Datasheet HTML 3Page - NEC UPC2709T Datasheet HTML 4Page - NEC UPC2709T Datasheet HTML 5Page - NEC UPC2709T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RLOUT
VCC = 5.0 V
0
-10
-20
-30
-40
-50
0.1
0.3
1.0
3.0
RLIN
Frequency, f (GHz)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2709T
INPUT RETURN LOSS AND OUTPUT
RETURN LOSS vs. FREQUENCY
VCC = 5.0 V
0
-10
-20
-30
-40
0.1
0.3
1.0
3.0
RLOUT
RLIN
Frequency, f (GHz)
UPC2712T
INPUT RETURN LOSS AND OUTPUT
RETURN LOSS vs. FREQUENCY
0
-10
-20
-30
-40
-50
0.1
0.3
1.0
3.0
VCC = 5.0 V
Frequency, f (GHz)
UPC2709T
ISOLATION vs. FREQUENCY
0
-10
-20
-30
-40
-50
0.1
0.3
1.0
3.0
VCC = 5.0 V
Frequency, f (GHz)
UPC2712T
ISOLATION vs. FREQUENCY
UPC2709T
POWER vs. FREQUENCY
0
0.5
1.0
1.5
2.0
2.5
20
15
10
5
0
-5
P1dB
PSAT
X
X
X
VCC = 5.0 V
0
0.5
1.0
1.5
2.0
2.5
15
10
5
0
-5
-10
X
PSAT
P1dB
X
X
VCC = 5.0 V
X: Typical SSB Third Order Intercept Point
Frequency, f (GHz)
X: Typical SSB Third Order Intercept Point
UPC2712T
POWER vs. FREQUENCY
Frequency, f (GHz)
UPC2709T, UPC2712T


Numéro de pièce similaire - UPC2709T

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC2709T NEC-UPC2709T Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2709T RENESAS-UPC2709T Datasheet
313Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC2709T-E3 RENESAS-UPC2709T-E3 Datasheet
313Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
NEC
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2709TB CEL-UPC2709TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results

Description similaire - UPC2709T

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
   1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
   3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
   WIDE BAND UHF SILICON MMIC AMPLIFIER
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Tyco Electronics
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
   Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
   Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
   Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
NEC
UPC1656 NEC-UPC1656 Datasheet
40Kb / 3P
   850 MHz WIDE-BAND SILICON MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com