Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4102K Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TPD4102K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4102K Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TPD4102K Datasheet HTML 1Page - Toshiba Semiconductor TPD4102K Datasheet HTML 2Page - Toshiba Semiconductor TPD4102K Datasheet HTML 3Page - Toshiba Semiconductor TPD4102K Datasheet HTML 4Page - Toshiba Semiconductor TPD4102K Datasheet HTML 5Page - Toshiba Semiconductor TPD4102K Datasheet HTML 6Page - Toshiba Semiconductor TPD4102K Datasheet HTML 7Page - Toshiba Semiconductor TPD4102K Datasheet HTML 8Page - Toshiba Semiconductor TPD4102K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPD4102K
2002-12-18
4
Pin Description
Pin No.
Symbol
Pin Description
1
VS
Speed control signal input pin. (PWM reference voltage input pin)
2
OS
PWM triangular wave oscillation frequency setup pin (Connect a capacitor to this pin.)
3
RREF
PWM triangular wave oscillation frequency setup pin (Connect a resistor to this pin.)
4
GND
Ground pin
5
VREG
6-V regulator output pin
6
VCC
Control power supply pin
7
IS1
IGBT emitter and FRD anode pin (Connect a current detecting resistor to this pin.)
8
NC
Unused pin, which is not connected to the chip internally.
9
U
U-phase output pin
10
BSU
U-phase bootstrap capacitor connecting pin
11
VBB1
U and V-phase high-voltage power supply input pin
12
V
V-phase output pin
13
BSV
V-phase bootstrap capacitor connecting pin
14
NC
Unused pin, which is not connected to the chip internally.
15
W
W-phase output pin
16
BSW
W-phase bootstrap capacitor connecting pin
17
VBB2
W-phase high-voltage power supply input pin
18
IS2
IGBT emitter/FRD anode pin (Connect a current detecting resistor to this pin.)
19
HU
U-phase hole IC signal input pin
20
HV
V-phase hole IC signal input pin
21
HW
W-phase hole IC signal input pin
22
F/R
Forward/reverse select input pin
23
FG
Rotation pulse output pin. (open drain)


Numéro de pièce similaire - TPD4102K

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104K TOSHIBA-TPD4104K Datasheet
406Kb / 24P
   DC brush less motor driver using high voltage PWM control
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Description similaire - TPD4102K

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com