Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE45401 Fiches technique(PDF) 4 Page - Pasternack Enterprises, Inc.

No de pièce PE45401
Description  2.4mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45401 Fiches technique(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE45401 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45401 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45401 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45401 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45401 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45401 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
Typical Performance Data
1.0
1.1
1.3
1.4
1.6
1.7
1.8
2.0
2.1
2.3
2.4
0
7
14
21
29
36
43
50
GHz
VSWR
-8.0
-7.2
-6.4
-5.6
-4.8
-4.0
-3.2
-2.4
-1.6
-0.8
0.0
0
7
14
21
29
36
43
50
dB
GHz
Insertion Loss
PE45401 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB,
Removable End Launch, 0.35 Width PE45401
RF Connectors Technical Data Sheet
PE45401
2.4mm Female Connector Clamp/Solder (Captive Contact)
Attachment End Launch PCB, Removable End Launch, 0.35 Width


Numéro de pièce similaire - PE45401

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE4540 PASTERNACK-PE4540 Datasheet
215Kb / 3P
   SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4540 PASTERNACK-PE4540 Datasheet
323Kb / 3P
   SMA Female Hermetically Sealed Connector Solder Attachment
PE45400 PASTERNACK-PE45400 Datasheet
785Kb / 6P
   2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45402 PASTERNACK-PE45402 Datasheet
776Kb / 6P
   1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45403 PASTERNACK-PE45403 Datasheet
827Kb / 6P
   1.0mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
More results

Description similaire - PE45401

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE45403 PASTERNACK-PE45403 Datasheet
827Kb / 6P
   1.0mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45400 PASTERNACK-PE45400 Datasheet
785Kb / 6P
   2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45402 PASTERNACK-PE45402 Datasheet
776Kb / 6P
   1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
   BNC Female Connector Solder Attachment End Launch PCB
PE44663 PASTERNACK-PE44663 Datasheet
674Kb / 3P
   MMCX Plug Connector Solder Attachment End Launch PCB
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
   SMP Male Connector Solder Attachment End Launch PCB
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
   MCX Jack Connector Solder Attachment End Launch PCB
PE44619 PASTERNACK-PE44619 Datasheet
209Kb / 2P
   75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
   SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
   SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com