Moteur de recherche de fiches techniques de composants électroniques |
|
2N3498L Fiches technique(PDF) 1 Page - Microsemi Corporation |
|
2N3498L Fiches technique(HTML) 1 Page - Microsemi Corporation |
1 / 2 page TECHNICAL DATA NPN SILICON TRANSISTOR Qualified per MIL-PRF-19500/366 Devices Qualified Level 2N3498 2N3498L 2N3499 2N3499L 2N3500 2N3500L 2N3501 2N3501L JAN JANTX JANTXV JANS MAXIMUM RATINGS Ratings Symbol 2N3498 * 2N3499 * 2N3500 * 2N3501 * Unit Collector-Emitter Voltage VCEO 100 150 Vdc Collector-Base Voltage VCBO 100 150 Vdc Emitter-Base Voltage VEBO 6.0 6.0 Vdc Collector Current IC 500 300 mAdc Total Power Dissipation @ TA = 25 0C (1) @ TC = 25 0C (2) PT 1.0 5.0 W W Operating & Storage Junction Temp. Range TJ, Tstg -55 to +200 0C THERMAL CHARACTERISTICS Characteristics Symbol Max. Unit Thermal Resistance: Junction-to-Case Junction-to-Ambient RθJC RθJA 35 175 0C/W *Electrical characteristics for “L” suffix devices are identical to the “non L” corresponding devices 1) Derate linearly 5.71 W/ 0C for TA > 250C 2) Derate linearly 28.6 W/ 0C for TC > 250C TO-5* 2N3498L, 2N3499L 2N3500L, 2N3501L TO-39* (TO-205AD) 2N3498, 2N3499 2N3500, 2N3501 *See appendix A for package outline ELECTRICAL CHARACTERISTICS (TA = 25 0C unless otherwise noted) Characteristics Symbol Min. Max. Unit OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage IC = 10 mAdc 2N3498, 2N3499 2N3500, 2N3501 V(BR)CEO 100 150 Vdc Collector-Base Cutoff Current VCB = 50 Vdc 2N3498, 2N3499 VCB = 75 Vdc 2N3500, 2N3501 VCB = 100 Vdc 2N3498, 2N3499 VCB = 150 Vdc 2N3500, 2N3501 ICBO 50 50 10 10 ηAdc ηAdc µAdc µAdc Emitter-Base Cutoff Current VEB = 4.0 Vdc VEB = 6.0 Vdc IEBO 25 10 ηAdc µAdc 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 1 of 2 |
Numéro de pièce similaire - 2N3498L |
|
Description similaire - 2N3498L |