Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1880 Fiches technique(PDF) 3 Page - Linear Technology

No de pièce LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Fiches technique(HTML) 3 Page - Linear Technology

  LT1880 Datasheet HTML 1Page - Linear Technology LT1880 Datasheet HTML 2Page - Linear Technology LT1880 Datasheet HTML 3Page - Linear Technology LT1880 Datasheet HTML 4Page - Linear Technology LT1880 Datasheet HTML 5Page - Linear Technology LT1880 Datasheet HTML 6Page - Linear Technology LT1880 Datasheet HTML 7Page - Linear Technology LT1880 Datasheet HTML 8Page - Linear Technology LT1880 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1880
3
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output Voltage Swing High
V+ = 5V; No Load
q
130
250
mV
(Referred to V+)V+ = 5V; ISOURCE = 100µA
q
150
270
mV
V+ = 5V; ISOURCE = 1mA
q
220
380
mV
IS
Supply Current per Amplifier
V+ = 3V
1.2
1.8
mA
q
2.2
mA
V+ = 5V
1.2
1.9
mA
q
2.3
mA
V+ = 12V
1.35
2
mA
q
2.4
mA
ISC
Short-Circuit Current
VOUT Short to GND
q
10
18
mA
VOUT Short to V+
q
10
20
mA
GBW
Gain-Bandwidth Product
f = 20kHz
0.8
1.1
MHz
tS
Settling Time
0.01%, VOUT = 1.5V to 3.5V
10
µs
AV = –1, RL = 2k
FPBW
Full Power Bandwidth (Note 7)
VOUT = 4VP-P
32
kHz
THD
Total Harmonic Distortion and Noise
VO = 2VP-P, AV = –1, f = 1kHz, Rf = 1k, BW = 22kHz
0.002
%
VO = 2VP-P, AV = 1, f = 1kHz, RL = 10k, BW = 22kHz
0.0008
%
SR+
Slew Rate Positive
AV = –1
0.25
0.4
V/
µs
q
0.2
V/
µs
SR
Slew Rate Negative
AV = –1
0.25
0.55
V/
µs
q
0.25
V/
µs
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS= ±15V, VCM = 0V unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
40
150
µV
0
°C < TA < 70°C
q
200
µV
–40
°C < TA < 85°C
q
250
µV
Input Offset Voltage Drift
0
°C < TA < 70°C
q
0.3
1.2
µV/°C
(Note 6)
–40
°C < TA < 85°C
q
0.3
1.2
µV/°C
IOS
Input Offset Current
150
900
pA
0
°C < TA < 70°C
q
1200
pA
–40
°C < TA < 85°C
q
1400
pA
IB
Input Bias Current
150
900
pA
0
°C < TA < 70°C
q
1200
pA
–40
°C < TA < 85°C
q
1500
pA
Input Noise Voltage
0.1Hz to 10Hz
0.5
µVP-P
en
Input Noise Voltage Density
f = 1kHz
13
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.07
pA/
√Hz
RIN
Input Resistance
Differential
380
M
Common Mode, VCM = –13.5V to 13.5V
190
G
CIN
Input Capacitance
3.7
pF
VCM
Input Voltage Range
q
–13.5
13.5
V
CMRR
Common Mode Rejection Ratio
–13.5V < VCM < 13.5V
q
118
135
dB
+PSRR
Positive Power Supply Rejection Ratio
V= –15V, VCM = 0V; 1.5V < V+ < 18V
q
110
135
dB
–PSRR
Negative Power Supply Rejection Ratio
V+ = 15V, VCM = 0V; –1.5V < V< –18V
q
110
135
dB
Minimum Operating Supply Voltage
q
±1.2
±1.35
V


Numéro de pièce similaire - LT1880

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1880 LINER-LT1880 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LT1880 LINER-LT1880 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
More results

Description similaire - LT1880

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
   Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com