Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28C64BKA-12 Fiches technique(PDF) 4 Page - Catalyst Semiconductor |
|
CAT28C64BKA-12 Fiches technique(HTML) 4 Page - Catalyst Semiconductor |
4 / 12 page CAT28C64B 4 Doc. No. 25006-0A 2/98 P-1 D.C. OPERATING CHARACTERISTICS VCC = 5V ±10%, unless otherwise specified. Limits Symbol Parameter Min. Typ. Max. Units Test Conditions ICC VCC Current (Operating, TTL) 30 mA CE = OE = VIL, f = 1/tRC min, All I/O’s Open ICCC(1) VCC Current (Operating, CMOS) 25 mA CE = OE = VILC, f = 1/tRC min, All I/O’s Open ISB VCC Current (Standby, TTL) 1 mA CE = VIH, All I/O’s Open ISBC(2) VCC Current (Standby, CMOS) 100 µA CE = VIHC, All I/O’s Open ILI Input Leakage Current –10 10 µAVIN = GND to VCC ILO Output Leakage Current –10 10 µAVOUT = GND to VCC, CE = VIH VIH(2) High Level Input Voltage 2 VCC +0.3 V VIL(1) Low Level Input Voltage –0.3 0.8 V VOH High Level Output Voltage 2.4 V IOH = –400 µA VOL Low Level Output Voltage 0.4 V IOL = 2.1mA VWI Write Inhibit Voltage 3.5 V Note: (1) VILC = –0.3V to +0.3V. (2) VIHC = VCC –0.3V to VCC +0.3V. |
Numéro de pièce similaire - CAT28C64BKA-12 |
|
Description similaire - CAT28C64BKA-12 |