Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AB178 Fiches technique(PDF) 11 Page - Lumileds Lighting Company

No de pièce AB178
Description  Assembly and Handling Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMILEDS [Lumileds Lighting Company]
Site Internet  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB178 Fiches technique(HTML) 11 Page - Lumileds Lighting Company

Back Button AB178 Datasheet HTML 4Page - Lumileds Lighting Company AB178 Datasheet HTML 5Page - Lumileds Lighting Company AB178 Datasheet HTML 6Page - Lumileds Lighting Company AB178 Datasheet HTML 7Page - Lumileds Lighting Company AB178 Datasheet HTML 8Page - Lumileds Lighting Company AB178 Datasheet HTML 9Page - Lumileds Lighting Company AB178 Datasheet HTML 10Page - Lumileds Lighting Company AB178 Datasheet HTML 11Page - Lumileds Lighting Company AB178 Datasheet HTML 12Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AB178 LUXEON UV U Line Application Brief 20170620 ©2017 Lumileds Holding B.V. All rights reserved.
11
b. Evaluate pick and place machine with electric controlled feeder rather than pneumatic controlled feeder for
better controllability.
c. Evaluate indexing with smaller pitch (for e.g. 2mm versus 4mm pitch) in pneumatic based feeder to minimize
poor pick-up process, as shown in Figure 11.
Figure 11. An example of Samsung SM421 feeder with 2mm (preferred) and 4mm indexing pitches.
3.5 Reflow Accuracy
Using the solder resist and stencil pattern layout as shown in Figure 5, LUXEON UV U Line’s compact and lightweight
construction can self-align during reflow as long as the two pads are in contact with their respective solder paste.
4. Packaging Considerations—Chemical Compatibility
The LUXEON UV U Line package does not have any silicone overcoat or overmold unlike most other LED packages.
However due to the nature of the short wavelength emission spectrum (violet and UV), it emits high-energy light which
can cause photo-thermal chemical degradation of polymeric materials. It is a good practice to keep the LED chip surface
clean of any foreign contaminants. For example, if there is a solder flux residue on top of the LED chip, it may leave a burnt
(brown/black) mark on the chip which can affect the total light output of the LUXEON UV U Line emitter and increase the
LED chip temperature.
RoHS
COMPLIANT


Numéro de pièce similaire - AB178

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
AB17 LUMILEDS-AB17 Datasheet
179Kb / 5P
   Benefits of Philips Lumileds Solid State Lighting Solutions vs. Conventional Lighting
AB170 LUMILEDS-AB170 Datasheet
3Mb / 21P
   Assembly and Handling Information
AB171 LUMILEDS-AB171 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB174 LUMILEDS-AB174 Datasheet
1Mb / 10P
   Assembly and Handling Information
More results

Description similaire - AB178

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
AB198 LUMILEDS-AB198 Datasheet
4Mb / 29P
   Assembly and Handling Information
AB174 LUMILEDS-AB174 Datasheet
1Mb / 10P
   Assembly and Handling Information
AB156 LUMILEDS-AB156 Datasheet
3Mb / 19P
   Assembly and handling information
AB217 LUMILEDS-AB217 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB171 LUMILEDS-AB171 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB190 LUMILEDS-AB190 Datasheet
1Mb / 11P
   Assembly and Handling Information
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
   Assembly and Handling Information
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
   Assembly and handling information
AB105 LUMILEDS-AB105 Datasheet
1Mb / 14P
   Assembly and Handling Information
AB114 LUMILEDS-AB114 Datasheet
4Mb / 18P
   Assembly and Handling Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com