Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE91114 Fiches technique(PDF) 3 Page - Pasternack Enterprises, Inc.

No de pièce PE91114
Description  Push-On N Male to N Female Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91114 Fiches technique(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE91114 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91114 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91114 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91114 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Push-On N Male to N Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in
the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Push-On N Male to N Female Adapter PE91114
URL:
https://www.pasternack.com/n-male-n-female-straight-adapter-pe91114-p.aspx
PE91114 REV 1.1
Push-On N Male to N Female Adapter
RF Adapters Technical Data Sheet
PE91114


Numéro de pièce similaire - PE91114

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
   N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
   Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
   Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
   Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
   Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results

Description similaire - PE91114

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
   N Male to N Female Adapter
PE91336 PASTERNACK-PE91336 Datasheet
354Kb / 3P
   Push-On SMA Male to SMA Female Adapter
PE9595 PASTERNACK-PE9595 Datasheet
359Kb / 4P
   N Male to N Female Bulkhead Adapter
PE9547 PASTERNACK-PE9547 Datasheet
344Kb / 3P
   QD N Male to N Female Adapter
PE9426 PASTERNACK-PE9426 Datasheet
239Kb / 2P
   Precision N Male to N Female Adapter
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
   N Male to C Female Adapter
PE9295 PASTERNACK-PE9295 Datasheet
246Kb / 2P
   N Female to C Male Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
   N Female to HN Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
   SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
   SSMA Male to N Female Adapter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com