Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADS5240 Datasheet(Fiches technique) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numéro de pièce ADS5240
Description  4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo 

 15 page
background image
www.ti.com
Input Amplitude (A)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN = 5MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
Input Amplitude (A)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN = 10MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
Sample Rate (MSPS)
0.30
0.25
0.20
0.15
0.10
0.05
0
20
35
40
25
30
45
IAVDD
IDVDD
f
IN = 5MHz
Sample Rate (MSPS)
90
85
80
75
70
65
60
55
20
35
40
25
30
45
SFDR
SINAD
SNR
f
IN = 5MHz
Temperature (
_C)
620
618
616
614
612
610
608
606
604
602
600
−40
20
40
−20
0
60
80
Sample Rate (MSPS)
90
85
80
75
70
65
60
55
20
35
40
25
30
45
SFDR
SINAD
SNR
f
IN = 10MHz
ADS5240
SBAS326C – JUNE 2004 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
T
MIN = -40°C and TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, -1dBFS, I
SET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted.
SWEPT INPUT POWER
SWEPT INPUT POWER
Figure 7.
Figure 8.
IAVDD, IDVDD vs SAMPLE RATE
DYNAMIC PERFORMANCE vs SAMPLE RATE
Figure 9.
Figure 10.
DYNAMIC PERFORMANCE vs SAMPLE RATE
POWER DISSIPATION vs TEMPERATURE
Figure 11.
Figure 12.
15




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADS52708-Channel 12-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
MAX1126Quad 12-Bit 40Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
ADS52424-Channel 12-Bit 65MSPS Analog-to-Digital Converter with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52718-Channel 12-Bit 50MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52758-Channel 10-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52728-Channel 12-Bit 65MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
MCP32042.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 1 2 3 4 5 MoreMicrochip Technology
AD7866Dual 1 MSPS 12-Bit 2-Channel SAR ADC with Serial Interface 1 2 3 4 5 MoreAnalog Devices
MAX1127Quad 12-Bit 65Msps 1.8V ADC with Serial LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
ADS52738-Channel 12-Bit 70MSPS ADC with Serialized LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl