Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSTU250 Fiches technique(PDF) 1 Page - Schurter Inc.

No de pièce MSTU250
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSTU250 Fiches technique(HTML) 1 Page - Schurter Inc.

  MSTU250_18 Datasheet HTML 1Page - Schurter Inc. MSTU250_18 Datasheet HTML 2Page - Schurter Inc. MSTU250_18 Datasheet HTML 3Page - Schurter Inc. MSTU250_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuses
MSTU 250
https://www.schurter.com /PG01_2
Fuses
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
See below:
Approvals and Compliances
UL 248-14 · 250VAC · Time-Lag T
Description
- Directly solderable on printed circuit boards
- Low Breaking Capacity
References
Packaging Details
Corresponding Fuseholder FMS (250V)
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC
Rated current
0.063 - 10 A
Breaking Capacity
50 A
Characteristic
Time-Lag T
Mounting
PCB,THT
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper
Unit Weight
0.53 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Rated Voltage,
Characteristic, Approvals
Soldering Methods
Wave
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb
Current Carrying Capacity
acc. to EIA/IS-722, Test 4.3.3
Moisture Resistance Test
MIL-STD-202, Method 106E
(50 cycles in a temp./mister chamber)
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Mechanical Shock
(acc. to EIA/IS-722, Test 4.9)
Vibration, High Frequency
MIL-STD-202, Method 204D
Shock 20 gn, 20 min, 10-2 kHz, 12 cyc.
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
UL 94V-0
(acc. to EIA/IS-722, Test 4.12)
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: MSTU 250
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E41599
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 248-14
Low voltage fuses - Part 14: Additional fuses
Designed according to
CSA22.2 No. 248.14
Low-Voltage Fuses - Part 14: Supplemental Fuses


Numéro de pièce similaire - MSTU250_18

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
More results

Description similaire - MSTU250_18

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com