Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMPN3120A20M Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TMPN3120A20M
Description  TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPN3120A20M Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TMPN3120A20M Datasheet HTML 2Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 3Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 4Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 5Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 6Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 7Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 8Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 9Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TMPN3120A20M/U
2003-07-01 6/12
PIN FUNCTION
PIN No.
TMPN3120A20M
TMPN3120A20U
PIN NAME
I / O
PIN FUNCTION
15
15
CLK1
Input
Oscillator connection, or external clock input.
14
14
CLK2
Output
Oscillator connection. Leave open when external
clock is input to CLK1.
1
40
~RESET
I / O
(built-in pull-up)
Reset pin. ( Active low )
8
5
~SERVICE
I / O
(built-in
configurable
pull-up)
Service pin. Indicator output during operation.
7~4
4~2, 43
IO0~IO3
I / O
Large current sink capacity ( 20 mA ).
General I / O port.
3, 30~28
42, 36, 35, 32
IO4~IO7
I / O
(built-in
configurable
pull-up)
General I / O port. One of IO4 to IO7 can be
specified as No.1 timer / counter input. Output
signal can be output to IO0.
IO4 can be used as the No.2 timer / counter input
with IO1 as output.
27, 26, 24
31, 30, 27
IO8~IO10
I / O
General I / O port. Can be used for serial
communication with other device.
11, 12, 18, 25, 32
9, 10, 19, 29, 38
VDD
Input
Power input ( 5.0 V Typ. )
9, 10, 13, 16, 23, 31
7, 8, 13, 16, 26, 37
VSS
Input
Power input ( 0 V GND )
2
41
LVDin
Input
Input pin for programmable LVD
( Normally connect to VDD )
19, 20, 17, 21, 22
20, 21, 18, 24, 25
CP0~CP4
I / O
Bidirectional port for communications. Supports
several communications protocols by specifying
mode.
1, 6, 11, 12, 17, 22,
23, 28, 33, 34, 39,
44
NC
Do not connect anything. Leave pins open.
* :
● The ~SERVICE and IO4 to IO7 terminals are programmable pull-ups.
● All VDD terminals must be externally connected.
● All VSS terminals must be externally connected.


Numéro de pièce similaire - TMPN3120A20M

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMPN3120B1AM TOSHIBA-TMPN3120B1AM Datasheet
177Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120E1M TOSHIBA-TMPN3120E1M Datasheet
175Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120FE3M TOSHIBA-TMPN3120FE3M Datasheet
214Kb / 12P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120FE3MG TOSHIBA-TMPN3120FE3MG Datasheet
371Kb / 10P
   Neuron짰 Chip for Distributed Intelligent Control Networks (LONWORKS)
TMPN3120FE3U TOSHIBA-TMPN3120FE3U Datasheet
214Kb / 12P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Description similaire - TMPN3120A20M

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com