Moteur de recherche de fiches techniques de composants électroniques |
|
ST1280C04K2L Fiches technique(PDF) 6 Page - International Rectifier |
|
ST1280C04K2L Fiches technique(HTML) 6 Page - International Rectifier |
6 / 7 page ST1280C..KSeries 6 www.irf.com Bulletin I25195 rev. B 02/00 Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Fig. 3 - Current Ratings Characteristics Fig. 4 - Current Ratings Characteristics Fig. 5- On-state Power Loss Characteristics Fig. 6- On-state Power Loss Characteristics Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Average On-state Current (A) Average On-state Current (A) Average On-state Current (A) Average On-state Current (A) Number Of Equal Amplitude Half Cycle Current Pulses (N) Pulse Train Duration (s) 20 30 40 50 60 70 80 90 100 110 120 130 0 1000 2000 3000 4000 5000 DC 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Period ST1280C..K Series (Double Side Cooled) R (DC) = 0.021 K/W thJ-hs 30 40 50 60 70 80 90 100 110 120 130 0 500 1000 1500 2000 2500 3000 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Angle ST1280C..K Series (Double Side Cooled) R (DC) = 0.021 K/W thJ-hs 15000 20000 25000 30000 35000 40000 1 10 100 Initial T = 125˚C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s J ST1280C..K Series At Any Rated Load Condition And With Rated V Applied Following Surge. RRM 0 400 800 1200 1600 2000 2400 2800 3200 3600 0 500 1000 1500 2000 2500 3000 180˚ 120˚ 90˚ 60˚ 30˚ RMS Limit Conduction Angle ST1280C..K Series T = 125˚C J 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 0 1000 2000 3000 4000 5000 DC 180˚ 120˚ 90˚ 60˚ 30˚ RMS Limit Conduction Period ST1280C..K Series T = 125˚C J 15000 20000 25000 30000 35000 40000 45000 0.01 0.1 1 Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. ST1280C..K Series Initial T = 125 ˚C No Voltage Reapplied Rated V Reapplied RRM J |
Numéro de pièce similaire - ST1280C04K2L |
|
Description similaire - ST1280C04K2L |