Moteur de recherche de fiches techniques de composants électroniques |
|
ST1280C06K1L Fiches technique(PDF) 7 Page - International Rectifier |
|
ST1280C06K1L Fiches technique(HTML) 7 Page - International Rectifier |
7 / 7 page ST1280C..K Series 7 www.irf.com Bulletin I25195 rev. B 01/00 Fig. 9 - On-state Voltage Drop Characteristics Fig. 10 - Thermal Impedance Z thJ-hs Characteristics Fig. 11 - Gate Characteristics Instantaneous On-state Voltage (V) Square Wave Pulse Duration (s) Instantaneous Gate Current (A) 100 1000 10000 100000 0.5 1 1.5 2 2.5 3 3.5 4 4.5 T = 25˚C J T = 125˚C J ST1280C..K Series 0.001 0.01 0.1 0.001 0.01 0.1 1 10 100 Steady State Value R = 0.042 K/W (Single Side Cooled) R = 0.021 K/W (Double Side Cooled) (DC Operation) thJ-hs thJ-hs ST1280C..K Series 0.1 1 10 100 0.001 0.01 0.1 1 1 0 1 0 0 VG D IG D (b ) (a ) ( 1 ) (2) (3) (1) PGM = 16W, tp = 4ms (2) PGM = 30W, tp = 2ms (3) PGM = 60W, tp = 1ms Rectan g ular g ate pulse a ) Recommended load line for b ) Recommended load line for <=30% rated di/dt : 10V, 10ohms Fre q uenc y Limited b y PG ( AV ) rated di/dt : 20V, 10ohms; tr<=1 µ s tr<=1 µs Device: ST1280C..K Series |
Numéro de pièce similaire - ST1280C06K1L |
|
Description similaire - ST1280C06K1L |