Moteur de recherche de fiches techniques de composants électroniques |
|
ST1280C04K1L Fiches technique(PDF) 1 Page - International Rectifier |
|
ST1280C04K1L Fiches technique(HTML) 1 Page - International Rectifier |
1 / 7 page 2310A PHASE CONTROL THYRISTORS Hockey Puk Version ST1280C..K SERIES 1 Bulletin I25195 rev. B 02/00 www.irf.com Features Center amplifying gate Metal case with ceramic insulator International standard case A-24 (K-PUK) High profile hockey-puk Typical Applications DC motor controls Controlled DC power supplies AC controllers I T(AV) 2310 A @ T hs 55 °C I T(RMS) 4150 A @ T hs 25 °C I TSM @ 50Hz 42500 A @ 60Hz 44500 A I2t@ 50Hz 9027 KA2s @ 60Hz 8240 KA2s V DRM /V RRM 400 to 600 V t q typical 200 µs T J - 40 to 125 °C Parameters ST1280C..K Units Major Ratings and Characteristics case style A-24 (K-PUK) |
Numéro de pièce similaire - ST1280C04K1L |
|
Description similaire - ST1280C04K1L |