Moteur de recherche de fiches techniques de composants électroniques |
|
ST1280C04K1L Fiches technique(PDF) 5 Page - International Rectifier |
|
ST1280C04K1L Fiches technique(HTML) 5 Page - International Rectifier |
5 / 7 page ST1280C..K Series 5 www.irf.com Bulletin I25195 rev. B 02/00 Outline Table Case Style A-24 (K-PUK) All dimensions in millimeters (inches) Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics TWO PLACES PIN RECEPTACLE AMP. 60598-1 1 (0.04) MIN. TWO PLACES 47.5 (1.87) DIA. MAX. 2 HOLES DIA. 3.5 (0.14) x 2.1 (0.1) DEEP 4.75 (0.2) NOM. 20° ± 5° 44 (1.73) CREPAGE DESTANCE 28.88 (1.137) MIN. STRIKE DISTANCE 17.99 (0.708) MIN. 67 (2.6) DIA. MAX. Quote between upper and lower pole pieces has to be considered after application of Mounting Force (see Thermal and Mechanical Specification) Average On-state current (A) Average On-state current (A) 40 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Angle ST1280C..K Series (Single Side Cooled) R (DC) = 0.042 K/W thJ-hs 20 30 40 50 60 70 80 90 100 110 120 130 0 500 1000 1500 2000 2500 DC 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Period ST1280C..K Series (Single Side Cooled) R (DC) = 0.042 K/W thJ-hs |
Numéro de pièce similaire - ST1280C04K1L |
|
Description similaire - ST1280C04K1L |