Moteur de recherche de fiches techniques de composants électroniques |
|
ST1280C04K0L Fiches technique(PDF) 3 Page - International Rectifier |
|
ST1280C04K0L Fiches technique(HTML) 3 Page - International Rectifier |
3 / 7 page ST1280C..K Series 3 www.irf.com Bulletin I25195 rev. B 02/00 dv/dt Maximum critical rate of rise of off-state voltage I RRM Max. peak reverse and off-state I DRM leakage current Blocking 500 V/µs T J = TJ max. linear to 80% rated V DRM Parameter ST1280C..K Units Conditions 100 mA T J = T J max, rated V DRM /V RRM applied P GM Maximum peak gate power 16 T J = T J max, t p ≤ 5ms P G(AV) Maximum average gate power 3 T J = TJ max, f = 50Hz, d% = 50 I GM Max. peak positive gate current 3.0 A T J = T J max, t p ≤ 5ms +V GM Maximum peak positive gate voltage -V GM Maximum peak negative gate voltage T J = - 40°C mA T J = 25°C T J = 125°C T J = - 40°C VT J = 25°C T J = 125°C I GD DC gate current not to trigger 10 mA Parameter ST1280C..K Units Conditions 20 5.0 Triggering TYP. MAX. 200 - 100 200 50 - 1.4 - 1.1 3.0 0.9 - V GD DC gate voltage not to trigger 0.25 V Max. gate current/voltage not to trigger is the max. value which will not trigger any unit with rated V DRM anode-to-cathode applied T J = TJ max Max. required gate trigger/ cur- rent/ voltage are the lowest value which will trigger all units 12V anode-to-cathode applied V GT DC gate voltage required to trigger I GT DC gate current required to trigger W VT J = TJ max, t p ≤ 5ms T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJ-hs Max. thermal resistance, 0.042 DC operation single side cooled junction to heatsink 0.021 DC operation double side cooled R thC-hs Max. thermal resistance, 0.006 DC operation single side cooled case to heatsink 0.003 DC operation double side cooled F Mounting force, ± 10% 24500 N (2500) (Kg) wt Approximate weight 425 g Parameter ST1280C..K Units Conditions K/W °C Case style A-24 (K-PUK) See Outline Table K/W Thermal and Mechanical Specification |
Numéro de pièce similaire - ST1280C04K0L |
|
Description similaire - ST1280C04K0L |