Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE45345 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE45345
Description  BMA Plug Slide-On Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch Pin, .481 inch Hole Spacing, With EMI Gasket
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45345 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45345 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45345 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45345 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45345 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45345 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45345 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mechanical Specifications
Size
Length
0.378 in [9.6 mm]
Width/Dia.
0.63 in [16.00 mm]
Height
0.26 in [6.6 mm]
.
Weight
0.009 lbs [4.08 g]
.
Mating Cycles
1,000 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
51.18µ in. minimum
Insulation
PTFE
Outer Conductor
Passivated Stainless Steel
Body
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-65 to +105 deg C
PE45345 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Slide-On Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount
.012 inch Pin, .481 inch Hole Spacing, With EMI Gasket PE45345
RF Connectors Technical Data Sheet
PE45345
BMA Plug Slide-On Field Replaceable Connector
With EMI Gasket 2 Hole Flange Mount .012 inch
Pin, .481 inch Hole Spacing, With EMI Gasket


Numéro de pièce similaire - PE45345

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE4534 PASTERNACK-PE4534 Datasheet
296Kb / 3P
   SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/16 inch Stripline PCB
PE4534 PASTERNACK-PE4534 Datasheet
321Kb / 3P
   SMA Female Connector Solder/Solder
PE45340 PASTERNACK-PE45340 Datasheet
362Kb / 4P
   BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, With Cylindrical Contact
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
   BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45342 PASTERNACK-PE45342 Datasheet
366Kb / 4P
   BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 22GHz
More results

Description similaire - PE45345

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE45346 PASTERNACK-PE45346 Datasheet
486Kb / 6P
   BMA Plug Slide-On Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .020 inch Pin, .481 inch Hole Spacing, With EMI Gasket
PE45217 PASTERNACK-PE45217 Datasheet
334Kb / 3P
   SMA Female Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch Pin
PE45348 PASTERNACK-PE45348 Datasheet
364Kb / 4P
   BMA Plug Slide-On Field Replaceable Connector 2 Hole Flange Mount .036 inch Pin, .481 inch Hole Spacing
PE44030 PASTERNACK-PE44030 Datasheet
172Kb / 2P
   SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.018 inch Pin
PE44028 PASTERNACK-PE44028 Datasheet
178Kb / 3P
   SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.012 inch Pin
PE45216 PASTERNACK-PE45216 Datasheet
338Kb / 3P
   SMA Female Field Replaceable Connector With EMI Gasket 4 Hole Flange Mount .015 inch Pin
PE44019 PASTERNACK-PE44019 Datasheet
177Kb / 3P
   SMA Male Field Replaceable Connector With EMI Gasket 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE45344 PASTERNACK-PE45344 Datasheet
365Kb / 4P
   BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
   BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45347 PASTERNACK-PE45347 Datasheet
367Kb / 4P
   BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com